Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3010Q Datasheet (PDF) - Sony Corporation

CXA3010Q Datasheet PDF - Sony Corporation
Part # CXA3010Q
Download  CXA3010Q Download
File Size   310.74 Kbytes
Page   26 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Read/Write Amplifier (with Built-in Filters) for FDDs

CXA3010Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3010Q Datasheet PDF - Sony Corporation

Part # CXA3010Q
Download  CXA3010Q Click to download

File Size   310.74 Kbytes
Page   26 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Read/Write Amplifier (with Built-in Filters) for FDDs

CXA3010Q Datasheet (HTML) - Sony Corporation


CXA3010Q Product details

Description

The CXA3010Q is a monolithic IC designed for use with three-mode Floppy Disk Drives, and contains a read circuit (with a four-mode filter system), a write circuit, an erase circuit, and a supply voltage detection circuit, all on a single chip.



Features

• Single 5V power supply

• Filter system can be switched among four modes: 1M, 1.6M/2M, which are each inner track/outer track

• Filter characteristics can be set to Chebyshev (1dB ripple) for 1.6M, 2M/inner track only, and to Butterworth for the other modes

• A custom selection can be made between Chebyshev (1dB ripple) and Butterworth for the filter characteristics for 1.6M, 2M/inner track only

• Permits customization of the fc ratio

• Low preamplifier input conversion noise voltage of 2.0nV/√ Hz (typ.) keeps read data output jitter to a minimum

• Preamplifier voltage gain can be switched between 39dB and 45dB

• In inner track mode (OTF = Low), the voltage gain is boosted by 3dB, making it possible to minimize peak shift in inner tracks.

• Time domain filter can be switched between two modes: 1M, 1.6M/2M

• Write current can be switched among three modes: 1M/1.6M/2M. The inner/outer track current ratio is fixed for each mode, but can be customized.

• Erase current can be set by an external resistor, and remains constant. In addition, the current rise time Tr and fall time Tf are determined according to the head inductance and current. (Refer to page 20.)

• Damping resistor can be built in. Resistance can be customized between 2kΩ and 15kΩ in 1kΩ steps. A damping resistor can not be connected to this IC, however.

• Supply voltage detection circuit



Applications

  Three-mode FDDs



 




Similar Part No. - CXA3010Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
Decoder/Driver/Timing Generator for Color LCD Panels
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
Demodulator for Satellite Receivers
More results


Similar Description - CXA3010Q

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
Read /Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
Read /Write amplifier for FDD
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
Read / Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
Read /Write amplifier for FDD
logo
Sony Corporation
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
Read/Write Amplifier (with Built-in Filters) for FDDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com