Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3071N Datasheet (PDF) - Sony Corporation

CXA3071N Datasheet PDF - Sony Corporation
Part # CXA3071N
Download  CXA3071N Download
File Size   280.91 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Read/Write Amplifier (with Built-in Filters) for FDDs

CXA3071N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3071N Datasheet PDF - Sony Corporation

Part # CXA3071N
Download  CXA3071N Click to download

File Size   280.91 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Read/Write Amplifier (with Built-in Filters) for FDDs

CXA3071N Datasheet (HTML) - Sony Corporation


CXA3071N Product details

Description
The CXA3071N is a monolithic IC designed for use with three-mode Floppy Disk Drives, and contains a read circuit (with a four-mode filter system), a write circuit, an erase circuit, and a supply voltage detection circuit, all on a single chip.

Features
• Single 5V power supply
• All filter, write current and other characteristics can be set with a single external resistor.
• Filter system can be switched among four modes: 1M, 1.6M/2M, which are each inner track/outer track.
• Filter characteristics can be set to Chebyshev (1dB ripple) for 1.6M, 2M/inner track only, and to Butterworth for the other modes and a custom selection can be made between Chebyshev (1dB ripple) and Butterworth for 1.6M, 2M/inner track only.
• 1M/outer track f0 and the fc ratio for each mode can be customized.
• Preamplifier voltage gain can be set to 45dB or 48dB by switching the filter mode and inner/outer track.
• Preamplifier and filter output are monitored with the same pins. These pins are normally set to filter output, but the preamplifier output can be monitored by temporarily setting the SETR pin (Pin 20) to Low.
• Time domain filter can be switched between two modes: 1M, 1.6M/2M. In addition, the pulse width can be customized.
• Write current can be switched among six modes according to the mode and inner/outer track setting. The current value can be customized for each mode.
• Erase current remains constant, and the current value can be customized.
• Damping resistor can be built in. Resistor can be customized between 2kΩ and 15kΩ in 1kΩ steps.
• Supply voltage detection circuit

Applications
    Three-mode FDDs




Similar Part No. - CXA3071N

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
LED array expands Crees family of high flux, multi die integrated arrays
Rev 0
CXA3070-0000-000N00AB0E3 CREE-CXA3070-0000-000N00AB0E3 Datasheet
1Mb / 14P
LED array expands Crees family of high flux, multi die integrated arrays
Rev 0
CXA3070-0000-000N00AB0E5 CREE-CXA3070-0000-000N00AB0E5 Datasheet
1Mb / 14P
LED array expands Crees family of high flux, multi die integrated arrays
Rev 0
CXA3070-0000-000N00AB40F CREE-CXA3070-0000-000N00AB40F Datasheet
1Mb / 14P
LED array expands Crees family of high flux, multi die integrated arrays
Rev 0
CXA3070-0000-000N00AB40H CREE-CXA3070-0000-000N00AB40H Datasheet
1Mb / 14P
LED array expands Crees family of high flux, multi die integrated arrays
Rev 0
More results


Similar Description - CXA3071N

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
Read /Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
Read /Write amplifier for FDD
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
Read / Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
Read /Write amplifier for FDD
logo
Sony Corporation
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
Read/Write Amplifier (with Built-in Filters) for FDDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com