Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3117 Datasheet (PDF) - Sony Corporation

CXA3117 Datasheet PDF - Sony Corporation
Part # CXA3117
Download  CXA3117 Download
File Size   394.02 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description IF Amplifier for M-ary FSK Pagers

CXA3117 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3117 Datasheet PDF - Sony Corporation

Part # CXA3117
Download  CXA3117 Click to download

File Size   394.02 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description IF Amplifier for M-ary FSK Pagers

CXA3117 Datasheet (HTML) - Sony Corporation


CXA3117 Product details

Description
The CXA3117AN is a low current consumption FM IF amplifier which employs the newest bipolar process. It is suitable for M-ary FSK pagers.

Features
• Low current consumption: 1.1mA
   (typ. at VCC = 1.4V)
• Low voltage operation: VCC = 1.1 to 4.0V
• Small package 24-pin SSOP
• Second mixer and oscillator
• Needless of IF decoupling capacitor
• Reference power supply for operational amplifier
   and comparator
• Bit rate filter with variable cut-off
• Misoperation prevention function for continuous data
• RSSI function
• IF input, VCC standard
• Quick charge by the detector output sense method

Applications
• M-ary FSK pagers
• Double conversion pagers




Similar Part No. - CXA3117

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3117 SONY-CXA3117 Datasheet
397Kb / 30P
IF Amplifier for M-ary FSK Pagers
CXA3117 SONY-CXA3117 Datasheet
27Kb / 2P
Achieving Low Power and High Speed in Paging System IF IC
logo
Murata Manufacturing Co...
CXA3117 MURATA1-CXA3117 Datasheet
172Kb / 10P
Ceramic Discriminator for Communications Equipment
7.20
logo
Sony Corporation
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
27Kb / 2P
Achieving Low Power and High Speed in Paging System IF IC
More results


Similar Description - CXA3117

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
Multimelody IC for Pagers
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
Multimelody IC for Pagers
logo
Sony Corporation
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
M-ary FSK Demodulating Comparator
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
IF Amplifier for M-ary FSK Pagers (AFC Supported)
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
FM IF IC FOR PAGERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com