Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08PA32 Datasheet (PDF) - Freescale Semiconductor, Inc

MC9S08PA32 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC9S08PA32
Download  MC9S08PA32 Download
File Size   586.16 Kbytes
Page   35 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MC9S08PA60 Series

MC9S08PA32 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S08PA32 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC9S08PA32
Download  MC9S08PA32 Click to download

File Size   586.16 Kbytes
Page   35 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MC9S08PA60 Series

MC9S08PA32 Datasheet (HTML) - Freescale Semiconductor, Inc


MC9S08PA32 Product details

Key features
• 8-Bit S08 central processor unit (CPU)
   – Up to 20 MHz bus at 2.7 V to 5.5 V across
      temperature range of -40 °C to 105 °C
   – Supporting up to 40 interrupt/reset sources
   – Supporting up to four-level nested interrupt
   – On-chip memory
   – Up to 60 KB flash read/program/erase over full
      operating voltage and temperature
   – Up to 256 byte EEPROM; 2-byte erase sector;
      program and erase while executing flash
   – Up to 4096 byte random-access memory (RAM)
   – Flash and RAM access protection
• Power-saving modes
   – One low-power stop mode; reduced power wait
      mode
   – Peripheral clock enable register can disable
      clocks to unused modules, reducing currents;
      allows clocks to remain enabled to specific
      peripherals in stop3 mode
• Clocks
   – Oscillator (XOSC) - loop-controlled Pierce
      oscillator; crystal or ceramic resonator range of
      31.25 kHz to 39.0625 kHz or 4 MHz to 20 MHz
   – Internal clock source (ICS) - containing a
      frequency-locked-loop (FLL) controlled by
      internal or external reference; precision
      trimming of internal reference allowing 1%
      deviation across temperature range of 0 °C to
      70 °C and 2% deviation across temperature
      range of -40 °C to 105 °C; up to 20 MHz
• System protection
   – Watchdog with independent clock source
   – Low-voltage detection with reset or interrupt;
      selectable trip points
   – Illegal opcode detection with reset
   – Illegal address detection with reset
• Development support
   – Single-wire background debug interface
   – Breakpoint capability to allow three breakpoints
      setting during in-circuit debugging
   – On-chip in-circuit emulator (ICE) debug module
      containing two comparators and nine trigger
      modes
• Peripherals
   – ACMP - one analog comparator with both
      positive and negative inputs; separately
      selectable interrupt on rising and falling
      comparator output; filtering
   – ADC - 16-channel, 12-bit resolution; 2.5 µs
      conversion time; data buffers with optional
      watermark; automatic compare function;
      internal bandgap reference channel; operation
      in stop mode; optional hardware trigger
   – CRC - programmable cyclic redundancy check
      module
   – FTM - three flex timer modulators modules
      including one 6-channel and two 2-channel
      ones; 16-bit counter; each channel can be
      configured for input capture, output compare,
      edge- or center-aligned PWM mode
   – IIC - One inter-integrated circuit module; up to
      400 kbps; multi-master operation;
      programmable slave address; supporting
      broadcast mode and 10-bit addressing;
      supporting SMBUS and PMBUS
   – MTIM - Two modulo timers with 8-bit prescaler
      and overflow interrupt
   – RTC - 16-bit real timer counter (RTC)
   – SCI - three serial communication interface (SCI/
      UART) modules optional 13-bit break; full
      duplex non-return to zero (NRZ); LIN extension
      support
   – SPI - one 8-bit and one 16-bit serial peripheral
      interface (SPI) modules; full-duplex or single-wire
      bidirectional; master or slave mode
• Input/Output
   – 57 GPIOs including one output-only pin
   – Two 8-bit keyboard interrupt modules (KBI)
   – Two true open-drain output pins
   – Eight, ultra-high current sink pins supporting 20 mA source/sink current
• Package options
   – 64-pin LQFP; 64-pin QFP
   – 48-pin LQFP
   – 44-pin LQFP
   – 32-pin LQFP




Similar Part No. - MC9S08PA32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08PA32A NXP-MC9S08PA32A Datasheet
897Kb / 41P
MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
More results


Similar Description - MC9S08PA32

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com