Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1958Q Datasheet (PDF) - Sony Corporation

CXD1958Q Datasheet PDF - Sony Corporation
Part # CXD1958Q
Download  CXD1958Q Download
File Size   332.34 Kbytes
Page   48 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description MMDS TCM/QAM Demodulator FEC ADC

CXD1958Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD1958Q Datasheet PDF - Sony Corporation

Part # CXD1958Q
Download  CXD1958Q Click to download

File Size   332.34 Kbytes
Page   48 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description MMDS TCM/QAM Demodulator FEC ADC

CXD1958Q Datasheet (HTML) - Sony Corporation


CXD1958Q Product details

Description
The CXD1958Q is an integrated TCM/QAM demodulator for MMDS systems using the DAVIC MMDS standard. This highly integrated device incorporates an internal 8-bit ADC, image rejection and root-raised cosine filters, all-digital symbol timing recovery PLL, adaptive decision feedback equalizer (DFE) with 10 feedforward and 30 feedback taps, 4-D TCM decoder, and DAVIC/DVB compliant forward error correction comprising (204,188) Reed Solomon decoder, a programmable de-interleaver with I = 12 and I = 204, and a de-randomiser. All internal clocks are generated from a single external 30MHz reference crystal.

Features
• DAVIC MMDS V1.1 and V1.3 compliant
• Supports 16, 64 and 256QAM
• Supports 16, 64 and 256 TCM
• Internal 8-bit ADC
• Interface for 10-bit external ADC
• 36.125MHz nominal IF input
• Symbol rate range 5 – 5.304Mbaud in 6MHz channels
• Integrated matched filtering with 0.15 roll-off factor
• ±400KHz internal carrier offset compensation with negligible losses @ 5Mbaud 6MHz channel
• Symbol timing loop designed to acquire with large offsets. Negligible losses for ±100ppm offsets
• All internal clocks derived from single fixed frequency crystal (30MHz)
• Supports fast re-acquisition mode
• 6µs echo cancellation @ 5Mbaud
• Constellation points and equalizer tap values readable via I2C bus
• C/N estimation readable via I2C bus
• Low implementation loss for AWGN only: 0.5dB @ 64QAM (using internal 8-bit A/D); 0.3dB @ 256QAM (excluding A/D); measured at BER of 3x10–4 Pre R/S
• I = 12 and I = 204 de-interleaving
• Fast I2C bus compatible control interface
• Tuner IF-AGC output
• User programmable tuner RF-AGC output
• Dedicated 3-wire bus interface to configure up to 2 tuner synthesizers
• 3.3V CMOS technology
• Supports JTAG boundary scan
• 100-pin QFP package

Applications
    MMDS set-top boxes




Similar Part No. - CXD1958Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
Digital Video Encoder
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
Digital Video Encoder
More results


Similar Description - CXD1958Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8046 PHILIPS-TDA8046 Datasheet
245Kb / 48P
Multi-mode QAM demodulator
1996 Nov 19
logo
STMicroelectronics
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
QPSK/BPSK DEMODULATOR AND FEC IC
Sep-1996
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
DVB-S Front-end IC (QPSK demodulator FEC)
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
32 QAM Demodulator
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
COFDM DEMODULATOR/FEC
logo
STMicroelectronics
STV0297E STMICROELECTRONICS-STV0297E Datasheet
81Kb / 5P
QAM demodulator IC with A/D converter
19-Dec-2006
logo
Synaptics Incorporated.
CX24114 CONEXANT-CX24114 Datasheet
606Kb / 2P
Advanced Modulation Demodulator and Turbo FEC Decoder
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
logo
STMicroelectronics
STI7197 STMICROELECTRONICS-STI7197 Datasheet
97Kb / 4P
Advanced STB decoder with integrated QAM demodulator
11-Aug-2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com