Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHL8115 Datasheet (PDF) - Motorola, Inc

MHL8115 Datasheet PDF - Motorola, Inc
Part # MHL8115
Download  MHL8115 Download
File Size   50.15 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF Linear Amplifier

MHL8115 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHL8115 Datasheet PDF - Motorola, Inc

Part # MHL8115
Download  MHL8115 Click to download

File Size   50.15 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF Linear Amplifier

MHL8115 Datasheet (HTML) - Motorola, Inc


MHL8115 Product details

The RF Line

UHF Linear Amplifier



Designed for linear amplifier applications in 50 Ohm systems requiring wide bandwidth, low noise, and low distortion. Internal DC blocking on RF ports reduces external component count and related circuit area. This hybrid utilizes push–pull circuit design.



• Supply Voltage: 15 Vdc (MHL8115)

   Supply Voltage: 28 Vdc (MHL8118)

• Third Order Intercept: 41.5 dBm Typ

• Power Gain: 17.5 dB Typ (@ 900 MHz)

• Excellent Phase Linearity and Group Delay Characteristics

• 50 Ohm Input/Output Impedances



 




Similar Part No. - MHL8115

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
MHL80 SEI-MHL80 Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
MHL800 SEI-MHL800 Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
MHL800FB100R SEI-MHL800FB100R Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
MHL800FB10K0 SEI-MHL800FB10K0 Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
MHL800FBR100 SEI-MHL800FBR100 Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
More results


Similar Description - MHL8115

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHL9125 MOTOROLA-MHL9125 Datasheet
50Kb / 4P
UHF Linear Amplifier
TP3024B MOTOROLA-TP3024B Datasheet
50Kb / 2P
UHF LINEAR POWER TRANSISTOR
TPV597 MOTOROLA-TPV597 Datasheet
95Kb / 4P
UHF LINEAR POWER TRANSISTOR
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
UHF LINEAR POWER TRANSISTOR
logo
NXP Semiconductors
BLW33 PHILIPS-BLW33 Datasheet
81Kb / 12P
UHF linear power transistor
August 1986
BLW34 PHILIPS-BLW34 Datasheet
80Kb / 12P
UHF linear power transistor
August 1986
logo
RF Micro Devices
RF2105L RFMD-RF2105L Datasheet
70Kb / 8P
HIGH POWER LINEAR UHF AMPLIFIER
logo
New Jersey Semi-Conduct...
BLV59 NJSEMI-BLV59 Datasheet
134Kb / 4P
UHF linear power transistor
TPV595A NJSEMI-TPV595A Datasheet
96Kb / 2P
UHF Linear Power Transistor
TPV598 NJSEMI-TPV598 Datasheet
76Kb / 2P
UHF Linear Power Transistor
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com