Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHL9125 Datasheet (PDF) - Motorola, Inc

MHL9125 Datasheet PDF - Motorola, Inc
Part # MHL9125
Download  MHL9125 Download
File Size   50.34 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF Linear Amplifier

MHL9125 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHL9125 Datasheet PDF - Motorola, Inc

Part # MHL9125
Download  MHL9125 Click to download

File Size   50.34 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF Linear Amplifier

MHL9125 Datasheet (HTML) - Motorola, Inc


MHL9125 Product details

Designed specifically for linear amplifier applications in the cellular frequency band. Internal DC blocking on RF ports reduces external component count and related circuit area. This device can be easily combined for higher power applications.



• Supply Voltage: 15 Vdc

• Third Order Intercept: 43 dBm Typ

• Power Gain: 20 dB Typ (@ f = 900 MHz)

• Excellent Phase Linearity and Group Delay Characteristics

• 50 Ohm Input/Output Impedances




Similar Part No. - MHL9125

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHL9236 MOTOROLA-MHL9236 Datasheet
277Kb / 4P
CELLULAR BAND RF LINEAR LDMOS AMPLIFIERS
MHL9236M MOTOROLA-MHL9236M Datasheet
277Kb / 4P
CELLULAR BAND RF LINEAR LDMOS AMPLIFIERS
logo
Freescale Semiconductor...
MHL9236N FREESCALE-MHL9236N Datasheet
75Kb / 5P
Cellular Band RF Linear LDMOS Amplifier
logo
Motorola, Inc
MHL9318 MOTOROLA-MHL9318 Datasheet
276Kb / 4P
THE RF LINE CELLULAR BAND RF LINEAR LDMOS AMPLIFIER
MHL9318D MOTOROLA-MHL9318D Datasheet
276Kb / 4P
THE RF LINE CELLULAR BAND RF LINEAR LDMOS AMPLIFIER
More results


Similar Description - MHL9125

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHL8115 MOTOROLA-MHL8115 Datasheet
50Kb / 4P
UHF Linear Amplifier
TP3024B MOTOROLA-TP3024B Datasheet
50Kb / 2P
UHF LINEAR POWER TRANSISTOR
TPV597 MOTOROLA-TPV597 Datasheet
95Kb / 4P
UHF LINEAR POWER TRANSISTOR
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
UHF LINEAR POWER TRANSISTOR
logo
NXP Semiconductors
BLW33 PHILIPS-BLW33 Datasheet
81Kb / 12P
UHF linear power transistor
August 1986
BLW34 PHILIPS-BLW34 Datasheet
80Kb / 12P
UHF linear power transistor
August 1986
logo
RF Micro Devices
RF2105L RFMD-RF2105L Datasheet
70Kb / 8P
HIGH POWER LINEAR UHF AMPLIFIER
logo
New Jersey Semi-Conduct...
BLV59 NJSEMI-BLV59 Datasheet
134Kb / 4P
UHF linear power transistor
TPV595A NJSEMI-TPV595A Datasheet
96Kb / 2P
UHF Linear Power Transistor
TPV598 NJSEMI-TPV598 Datasheet
76Kb / 2P
UHF Linear Power Transistor
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com