Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42422 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE42422 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE42422
Download  PE42422 Download
File Size   362.28 Kbytes
Page   13 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description UltraCMOS SPDT RF Switch

PE42422 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42422 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE42422
Download  PE42422 Click to download

File Size   362.28 Kbytes
Page   13 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description UltraCMOS SPDT RF Switch

PE42422 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE42422 Product details

Product Description
The PE42422 is a HaRP™ technology-enhanced SPDT RF switch designed to cover a broad range of applications from 100-6000 MHz. This reflective switch integrates on-board CMOS control logic with a low voltage CMOS-compatible control interface and requires no external components.

Features
• Symmetric SPDT reflective switch
• Low insertion loss
    • 0.25 dB typical @ 1000 MHz
    • 0.40 dB typical @ 3000 MHz
    • 0.65 dB typical @ 5000 MHz
    • 0.90 dB typical @ 6000 MHz
• Wide supply range of 2.3V to 5.5V
• Excellent linearity
    • IIP2 of 115 dBm
    • IIP3 of 70 dBm
• High ESD tolerance
    • 4kV HBM on RF pins to GND
    • 1kV on all other pins
• Logic Select (LS) pin provides maximum flexibility of control logic
• 12-lead 2x2 mm QFN package




Similar Part No. - PE42422

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42422 PSEMI-PE42422 Datasheet
361Kb / 13P
UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE42422 PEREGRINE-PE42422 Datasheet
361Kb / 13P
UltraCMOS
logo
Peregrine Semiconductor
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
UltraCMOS짰 SPDT RF Switch
logo
Peregrine Semiconductor...
PE42422 PEREGRINE-PE42422_15 Datasheet
361Kb / 13P
SPDT RF Switch
More results


Similar Description - PE42422

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
SPDT UltraCMOS??RF Switch
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
UltraCMOS SPDT RF Switch
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
SPDT UltraCMOS??RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com