Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXL1517 Datasheet (PDF) - Sony Corporation

CXL1517 Datasheet PDF - Sony Corporation
Part # CXL1517
Download  CXL1517 Download
File Size   97.97 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS-CCD Signal Processor

CXL1517 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXL1517 Datasheet PDF - Sony Corporation

Part # CXL1517
Download  CXL1517 Click to download

File Size   97.97 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS-CCD Signal Processor

CXL1517 Datasheet (HTML) - Sony Corporation


CXL1517 Product details

Description
The CXL1517M/1518M are CMOS-CCD signal processors developed for CCD camera complementary color filter array processing system.
    CXL1517M
        452.5-bit × 2, 453.5-bit 1H CCD delay line
    CXL1518M
        300.5-bit × 2, 301.5-bit 1H CCD delay line
   
Features
• Single 5V power supply
• Low power consumption (Typ.)
    CXL1517M 120mW
    CXL1518M 75mW
• Built-in peripheral circuits
• Built-in CDS (Correlated Double Sampling) circuit
   
Functions
• Clock driver
• Autobias circuit (Center and black)
• Pedestal clamp circuit
• CDS circuit
• Overflow prevention circuit
   




Similar Part No. - CXL1517

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1517 SONY-CXL1517 Datasheet
101Kb / 7P
CMOS-CCD Signal Processor
CXL1517N SONY-CXL1517N Datasheet
101Kb / 7P
CMOS-CCD Signal Processor
More results


Similar Description - CXL1517

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1008M SONY-CXL1008M Datasheet
274Kb / 13P
CMOS-CCD Signal Processor for Skew Compensation
CXL1009P SONY-CXL1009P Datasheet
216Kb / 9P
CMOS-CCD SIGNAL PROCESSOR FOR TBC
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
CMOS-CCD Signal Processor
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
CMOS-CCD Signal Processor
CXL1517N SONY-CXL1517N Datasheet
101Kb / 7P
CMOS-CCD Signal Processor
logo
Holtek Semiconductor In...
HT82V863R HOLTEK-HT82V863R Datasheet
2Mb / 17P
CCD Digital Signal Processor
September 30, 2011
logo
Analog Devices
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
CCD Signal Processor
12/2017-Rev. D to Rev. E
ADDI9020 AD-ADDI9020_15 Datasheet
75Kb / 2P
60 MHz CCD Signal Processor
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
CCD Signal Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com