Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP740000 Datasheet (PDF) - Sony Corporation

CXP740000 Datasheet PDF - Sony Corporation
Part # CXP740000
Download  CXP740000 Download
File Size   275.99 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP740000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP740000 Datasheet PDF - Sony Corporation

Part # CXP740000
Download  CXP740000 Click to download

File Size   275.99 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP740000 Datasheet (HTML) - Sony Corporation


CXP740000 Product details

Description
The CXP740000 is a CMOS 8-bit single chip microcomputer of piggyback/evaluator combined type, which is developed for evaluating the function of the CXP740056/740096/740010.

Features
• A wide instruction set (211 instructions) which covers various types of data.
    —16-bit operation/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle 167ns at 24MHz operation (4.5 to 5.5V) 333ns at 12MHz operation (2.7 to 5.5V) 122µs at 32kHz operation (2.7 to 5.5V)
• Applicable EPROM CXP27C702K (Maximum 120K bytes are available.)
• Incorporated RAM capacity 4096 bytes
• Peripheral functions
    — A/D converter 8 bits, 8 channels, successive approximation method (Conversion time of 10.3µs/24MHz)
    — Serial interface Start-stop sync type (UART), 1 channel Incorporated buffer RAM (Auto transfer for 1 to 32 bytes), 2 channels 8-bit clock sync type (MSB/LSB first selectable), 1 channel
    — Timer 8-bit timer, 2 channels 8-bit timer/counter, 2 chennels 19-bit time-base timer, 16-bit capture timer/counter 32kHz timer/counter
    — Remote control unit receive circuit Internal noise elimination circuit Internal 8-bit, 6-stage FIFO for measured data
    — PWM output 12 bits, 12 channels
• Interruption 24 factors, 15 vectors, multi-interruption possible
• Standby mode Sleep/stop
• Package 100-pin ceramic PQFP




Similar Part No. - CXP740000

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP740010 SONY-CXP740010 Datasheet
417Kb / 31P
CMOS 8-bit Single Chip Microcomputer
CXP740056 SONY-CXP740056 Datasheet
417Kb / 31P
CMOS 8-bit Single Chip Microcomputer
CXP740096 SONY-CXP740096 Datasheet
417Kb / 31P
CMOS 8-bit Single Chip Microcomputer
CXP7400P10 SONY-CXP7400P10 Datasheet
418Kb / 31P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP740000

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com