Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP740096 Datasheet (PDF) - Sony Corporation

CXP740096 Datasheet PDF - Sony Corporation
Part # CXP740096
Download  CXP740096 Download
File Size   417.32 Kbytes
Page   31 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP740096 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP740096 Datasheet PDF - Sony Corporation

Part # CXP740096
Download  CXP740096 Click to download

File Size   417.32 Kbytes
Page   31 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP740096 Datasheet (HTML) - Sony Corporation


CXP740096 Product details

Description
The CXP740056/740096/740010 is a CMOS 8-bit microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time-base timer, capture timer/counter, remote control receive circuit, PWM output, and the like besides the basic configurations of 8-bit CPU, ROM, RAM, and I/O port.
The CXP740056/740096/740010 also provides the sleep/stop functions that enables lower power consumption.

Features
• A wide instruction set (211 instructions) which covers various types of data.
   — 16-bit arithmetic/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle
   167ns at 24MHz operation (4.5 to 5.5V)
   333ns at 12MHz operation (2.7 to 5.5V)
   122µs at 32kHz operation (2.7 to 5.5V)
• Incorporated ROM capacity
   56K bytes (CXP740056)
   96K bytes (CXP740096)
   120K bytes (CXP740010)
• Incorporated RAM capacity 4096 bytes
• Peripheral functions
   — A/D converter 8 bits, 8 channels, successive approximation method
      (Conversion time 10.3µs at 24MHz)
   — Serial interface Srart-stop synchronization (UART), 1 channel
      Incorporated buffer RAM (Auto transfer for 1 to 32 bytes), 2 channels
      8-bit clock syncronization (MSB/LSB first selectable), 1 channel
   — Timer 8-bit timer 2 channels, 8-bit timer/counter 2 channels,
      19-bit time-base timer, 16-bit capture timer/counter
      32kHz timer/counter
   — Remote control receive circuit Noise elimination circuit
      8-bit pulse measuring counter, 6-stage FIFO
   — PWM output 12 bits, 2 channels
• Interruption 22 factors, 15 vectors, multi-interruption possible
• Standby mode Sleep/stop
• Package 100-pin plastic QFP/LQFP
• Piggy/evaluation chip CXP740000




Similar Part No. - CXP740096

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP740000 SONY-CXP740000 Datasheet
275Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP7400P10 SONY-CXP7400P10 Datasheet
418Kb / 31P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP740096

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com