Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87532 Datasheet (PDF) - Sony Corporation

CXP87532 Datasheet PDF - Sony Corporation
Part # CXP87532
Download  CXP87532 Download
File Size   340.33 Kbytes
Page   25 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP87532 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP87532 Datasheet PDF - Sony Corporation

Part # CXP87532
Download  CXP87532 Click to download

File Size   340.33 Kbytes
Page   25 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP87532 Datasheet (HTML) - Sony Corporation


CXP87532 Product details

Description
The CXP87532/87540 is a CMOS 8-bit microcomputer which consists of arithmetic coprocessor, A/D converter, serial interface, timer/counter, time base timer, vector interruption, high precision timing pattern generation circuit, PWM generator and the measuring circuit which measures signals of capstan FG, drum FG/PG, reel FG and other servo systems, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip.
Also this IC provides power on reset function, sleep/stop function which enables to lower power consumption.

Features
• A wide instruction set (213 instructions) which covers various types of data
    — 16-bit operation multiplycation and division/boolean bit operation instructions
• Minimum instruction cycle During operation 326ns/12.288MHz
• Incorporated ROM capacity 32K bytes (CXP87532)
                                               40K bytes (CXP87540)
• Incorporated RAM capacity 1344 bytes
• Peripheral functions
    — Arithmetic coprocessor Multiplying with code, sum of products with code, high speed
                                               execution of many bits shift rotation operation
    — A/D converter 8-bit, 8-channel, successive approximation system
                                         (Conversion time 13µs/12.288MHz)
                                         Incorporated 3-stage FIFO for A/D conversion data
    — Serial interface Incorporated buffer RAM for data
                                  (1 to 128 bytes auto transfer) 2-channel
    — Timer 8-bit timer, 8-bit timer/counter, 19-bit time base timer
    — High precision timing pattern generator PPG (11 pins) 32-stage programmable
    — PWM output 12-bit, 2-channel (Repeated frequency 48kHz)
                              8-bit, 3-channel (Repeated frequency 48kHz)
    — Servo input control Capstan FG, Drum FG/PG, Reel FG input
    — FRC capture unit Incorporated 28-bit and 8-stage FIFO
• Interruption 12 factors, 12 vectors, multi-interruption possible
• Standby mode Sleep/stop
• Package 100-pin plastic QFP/LQFP
• Piggyback/Evaluation CXP87500 100-pin ceramic QFP/LQFP




Similar Part No. - CXP87532

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP87500 SONY-CXP87500 Datasheet
258Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP875P40 SONY-CXP875P40 Datasheet
516Kb / 25P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP87532

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com