Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87532 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP87532
Description  CMOS 8-bit Single Chip Microcomputer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87532 Datasheet(HTML) 5 Page - Sony Corporation

  CXP87532 Datasheet HTML 1Page - Sony Corporation CXP87532 Datasheet HTML 2Page - Sony Corporation CXP87532 Datasheet HTML 3Page - Sony Corporation CXP87532 Datasheet HTML 4Page - Sony Corporation CXP87532 Datasheet HTML 5Page - Sony Corporation CXP87532 Datasheet HTML 6Page - Sony Corporation CXP87532 Datasheet HTML 7Page - Sony Corporation CXP87532 Datasheet HTML 8Page - Sony Corporation CXP87532 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
– 5 –
CXP87532/87540
(Port C)
8-bit input/output port, enables to specify input/output by 4-bit unit.
(8 pins)
Output/
Real time output
Output/
Monitor output
Output/
Real time output
I/O
I/O
Input/Input
Input/Input/
Input
Output/Output
Output/Output
Input/Input
Input/Input
Input/Input
Input/Input
Input/Input
Input/Input
Input/Input
Input/Input
Input/Input
(Port B)
8-bit output port. Data is
gated with PPO by OR-gate
and they are output. (8 pins)
(Port D)
8-bit input/output port. Lower 4 bits can be specified as input/output by
bit unit and upper 4 bits can be specified as input/output by 4-bit unit.
(8 pins)
(Port E)
8-bit port. Lower 2 bits
are input pins and upper
6 bits are output pins.
(8 pins)
External input pin 0.
External input pin 1.
Drum reference signal input pin.
Drum PG input pin.
Drum FG input pin.
Capstan FG input pin.
Reel FG input pin.
Input pin to request external interruption.
Active when falling edge.
PWM output pins (5 pins)
SWP output pin.
Programmable pattern generator (PPG)
Output (3 pins) and capstan servo control
signal (1 pin).
Symbol
I/O
Description
PA0/PPO8
PA1/PPO9
PA2/PPO10
PA3/PROUT
PA4/ATFS1
PA5/ATFS3
PA6/AREA
PA7/ATFS2
PB0/PPO0
to
PB7/PPO7
PC0 to PC7
PD0 to PD7
PE0/INT0
PE1/EC/INT2
PE2/PWM0
to
PE6/PWM4
PE7/SWP
PF0/AN0
to
PF7/AN7
PG0/EXI0
PG1/EXI1
PG2/DREF
PG3/DPG
PG4/DFG
PG5/CFG
PG6/RFG0
PG7/RFG1
(Port A)
8-bit output port.
Data is gated with PPO
(3 pins), monitor signal
(4 pins) in relation to ATF,
control signal (1 pin) for
capstan servo by OR-gate
and they are output. (8 pins)
Monitor output in relation to ATF.
(4 pins)
Programmable pattern generator (PPG)
output. (8 pins)
External event
input pin for
timer/counter.
(Port F)
8-bit input port. (8 pins)
Upper 4 bits serve as
standby release input pin.
(Port G)
8-bit input port.
(8 pins)
Analog input pins to A/D converter.
(8 pins)
Pin Description
Input pin to request
external interruption.
Active when falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com