Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87532 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP87532
Description  CMOS 8-bit Single Chip Microcomputer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87532 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP87532 Datasheet HTML 17Page - Sony Corporation CXP87532 Datasheet HTML 18Page - Sony Corporation CXP87532 Datasheet HTML 19Page - Sony Corporation CXP87532 Datasheet HTML 20Page - Sony Corporation CXP87532 Datasheet HTML 21Page - Sony Corporation CXP87532 Datasheet HTML 22Page - Sony Corporation CXP87532 Datasheet HTML 23Page - Sony Corporation CXP87532 Datasheet HTML 24Page - Sony Corporation CXP87532 Datasheet HTML 25Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
– 21 –
CXP87532/87540
(6) Others
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, VSS = 0V reference)
∗1 t
MCK
indicates three values according to the contents of the ATF control register (address : 01EEH) bits 5
and 4 (MCLK input control).
tMCK [ns] = tMCH or tMCL (bits 5 and 4 = “00”), 2tMCH or 2tMCL (bits 5 and 4 = “01”), 4tMCH or 4tMCL (bits 5 and
4 = “10”).
RFDT input high and
low level widths
MCLK input high and
low level widths
DREF input high and
low level widths
DPG input high and
low level widths
DFG input high and
low level widths
CFG input high and
low level widths
RFG input high and
low level widths
EXI input high and
low level widths
tRDH
tRDL
tMCH
tMCL
tDRH
tDRL
tDPH
tDPL
tDFH
tDFL
tCFH
tCFL
tRFH
tRFL
tEIH
tEIL
RFDT
MCLK
DREF
DPG
DFG
CFG
RFG0
RFG1
EXI0
EXI1
2.5
tMCK∗1
326/fc
tsys + 200
tsys + 200
tsys + 200
tsys + 200
tsys + 200
tsys + 200
ns
ns
ns
ns
ns
ns
ns
ns
Item
Symbol
Pin
Condition
Min.
Max.
Unit
tsys = 2000/fc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com