| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
44281-0001
|
68Kb / 2P |
Mini-Fit??Test Plugs
|
 Pomona Electronics |
5143
|
85Kb / 1P |
SMD Test Tweezer To Single Stacking Banana Plugs
|
|
5678
|
23Kb / 1P |
SMD Test Tweezer Leads To Sleeved Banana Plugs
|
|
72912
|
106Kb / 1P |
Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
|
|
72913
|
128Kb / 1P |
Panel Mt IEC61010 4mm (0.16in) Jack for Sheathed Banana Plugs
|
|
72930
|
92Kb / 1P |
Panel Mt IEC1010 4mm (0.16in) jack for Sheathed Plugs
|
 PHOENIX CONTACT |
0311647
|
49Kb / 2P |
Test plugs - PS-MT - 0311647
|
 List of Unclassifed Man... |
1661
|
99Kb / 1P |
TEST TIPS AND PLUGS
|
 PHOENIX CONTACT |
1621326
|
56Kb / 2P |
Test plugs - PRC 3-TC-FS6 8-21
|
|
3048577
|
72Kb / 4P |
Test plugs - MPS-MT/ 4MM
09/12/2020 |