Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX252AQF Datasheet (PDF) - Sony Corporation

ICX252AQF Datasheet PDF - Sony Corporation
Part # ICX252AQF
Download  ICX252AQF Download
File Size   431.0 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras

ICX252AQF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX252AQF Datasheet PDF - Sony Corporation

Part # ICX252AQF
Download  ICX252AQF Click to download

File Size   431.0 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras

ICX252AQF Datasheet (HTML) - Sony Corporation


ICX252AQF Product details

Description
The ICX252AQF is a diagonal 8.933mm (Type 1/1.8) interline CCD solid-state image sensor with a square pixel array and 3.24M effective pixels. Frame readout allows all pixels signals to be output independently within approximately 1/4.28 second.

Features
• Supports frame readout
• High horizontal and vertical resolution
• Supports high frame rate readout mode: 30 frames/s, AF1 mode: 60 frames/s, 50 frames/s, AF2 mode: 120 frames/s, 100 frames/s
• Square pixel
• Horizontal drive frequency: 18MHz
• No voltage adjustments (reset gate and substrate bias are not adjusted.)
• R, G, B primary color mosaic filters on chip
• High sensitivity, low dark current
• Continuous variable-speed shutter
• Excellent anti-blooming characteristics
• Exit pupil distance recommended range –20 to –100mm
• 20-pin high-precision plastic package




Similar Part No. - ICX252AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results


Similar Description - ICX252AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX224AK SONY-ICX224AK Datasheet
388Kb / 25P
Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX406AQF SONY-ICX406AQF Datasheet
349Kb / 33P
Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX412AQF SONY-ICX412AQF Datasheet
347Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com