Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX406AQF Datasheet (PDF) - Sony Corporation

ICX406AQF Datasheet PDF - Sony Corporation
Part # ICX406AQF
Download  ICX406AQF Download

File Size   349.82 Kbytes
Page   33 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras

ICX406AQF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX406AQF Datasheet PDF - Sony Corporation

Part # ICX406AQF
Download  ICX406AQF Click to download

File Size   349.82 Kbytes
Page   33 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras

ICX406AQF Datasheet (HTML) - Sony Corporation

Back Button ICX406AQF Datasheet HTML 1Page - Sony Corporation ICX406AQF Datasheet HTML 2Page - Sony Corporation ICX406AQF Datasheet HTML 3Page - Sony Corporation ICX406AQF Datasheet HTML 4Page - Sony Corporation ICX406AQF Datasheet HTML 5Page - Sony Corporation ICX406AQF Datasheet HTML 6Page - Sony Corporation ICX406AQF Datasheet HTML 7Page - Sony Corporation ICX406AQF Datasheet HTML 8Page - Sony Corporation ICX406AQF Datasheet HTML 9Page - Sony Corporation ICX406AQF Datasheet HTML 10Page - Sony Corporation Next Button 

ICX406AQF Product details

Description
The ICX406AQF is a diagonal 8.98mm (Type 1/1.8) interline CCD solid-state image sensor with a square pixel array and 3.98M effective pixels. Frame readout allows all pixels signals to be output independently within approximately 1/3.33 second.
Also, number of vertical pixels decimation allows output of 30 frames per second in high frame rate readout mode.
This chip features an electronic shutter with variable charge-storage time.
R, G, B primary color mosaic filters are used as the color filters, and at the same time high sensitivity and low dark current are achieved through the adoption of Super HAD CCD technology.
This chip is suitable for applications such as electronic still cameras, etc.

Features
• Supprots frame readout
• High horizontal and vertical resolution
• Supports high frame rate readout mode: 30 frames/s, 25 frames/s,
    AF1 mode: 60 frames/s, 50 frames/s,
    AF2 mode: 120 frames/s, 100 frames/s
• Square pixel
• Horizontal drive frequency: 18MHz
• No voltage adjustments (reset gate and substrate bias are not adjusted.)
• R, G, B primary color mosaic filters on chip
• High sensitivity, low dark current
• Continuous variable-speed shutter
• Excellent anti-blooming characteristics
• Exit pupil distance recommended range –20 to –100mm
• 20-pin high-precision plastic package




Similar Part No. - ICX406AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX406 SONY-ICX406 Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results


Similar Description - ICX406AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX412AQF SONY-ICX412AQF Datasheet
347Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
   Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX432DQ SONY-ICX432DQ Datasheet
299Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX432DQF SONY-ICX432DQF Datasheet
301Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com