Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25S243A Datasheet (PDF) - Winbond

W25S243A Datasheet PDF - Winbond
Part # W25S243A
Download  W25S243A Download
File Size   303.01 Kbytes
Page   17 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM

W25S243A Datasheet (PDF)

Go To PDF Page Download Datasheet
W25S243A Datasheet PDF - Winbond

Part # W25S243A
Download  W25S243A Click to download

File Size   303.01 Kbytes
Page   17 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM

W25S243A Datasheet (HTML) - Winbond


W25S243A Product details

GENERAL DESCRIPTION
The W25S243A is a high-speed, low-power, synchronous-burst pipelined, CMOS static RAM organized as 65,536 ´ 64 bits that operates on a single 3.3-volt power supply. A built-in two-bit burst address counter supports both Pentiumä burst mode and linear burst mode. The mode to be executed is controlled by the LBO pin. Pipelining or non-pipelining of the data outputs is controlled by the FT pin. A snooze mode can reduces power dissipation.
This device supports 3-1-1-1-2-1-1-1 in a two-bank, back-to-back burst read cycle.

FEATURES
• Synchronous operation
• High-speed access time: 12 nS
• Single +3.3V power supply
• Individual byte write capability
• 3.3V LVTTL compatible I/O
• Clock-controlled and registered input
• Asynchronous output enable
• Pipelined/non-pipelined data output capability
• Supports snooze mode (low-power state)
• Internal burst counter supports Intel burst (Interleaved) mode & linear burst mode
• Supports 2T/1T mode
• Packaged in 128-pin QFP and TQFP




Similar Part No. - W25S243A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W2500EP KEYSIGHT-W2500EP Datasheet
1Mb / 6P
Keysight EEsof EDA
W2500ET KEYSIGHT-W2500ET Datasheet
1Mb / 6P
Keysight EEsof EDA
logo
Intronics Power, Inc.
W2530-12D12 INTRONICS-W2530-12D12 Datasheet
190Kb / 1P
DC/DC MODULES
W2530-12D15 INTRONICS-W2530-12D15 Datasheet
190Kb / 1P
DC/DC MODULES
W2530-12D5 INTRONICS-W2530-12D5 Datasheet
190Kb / 1P
DC/DC MODULES
More results


Similar Description - W25S243A

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
64K X 8 HIGH SPEED CMOS STATIC RAM
W25P022A WINBOND-W25P022A Datasheet
310Kb / 17P
64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P222A WINBOND-W25P222A Datasheet
1Mb / 16P
64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A WINBOND-W25P240A Datasheet
166Kb / 14P
64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A WINBOND-W25P243A Datasheet
264Kb / 18P
64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
64K X 16 High Speed CMOS Static RAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
64K X 16 HIGH-SPEED CMOS STATIC RAM
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
64K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com