Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148M Datasheet (PDF) - WILLAS ELECTRONIC CORP

1N4148M Datasheet PDF - WILLAS ELECTRONIC CORP
Part # 1N4148M
Download  1N4148M Download
File Size   313.51 Kbytes
Page   2 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description 150mA SMALL SIGNAL SWITCHING DIODE - 100V

1N4148M Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4148M Datasheet PDF - WILLAS ELECTRONIC CORP

Part # 1N4148M
Download  1N4148M Click to download

File Size   313.51 Kbytes
Page   2 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description 150mA SMALL SIGNAL SWITCHING DIODE - 100V

1N4148M Datasheet (HTML) - WILLAS ELECTRONIC CORP


1N4148M Product details

VOLTAGE 100 Volts POWER 500 mWatts

FEATURES
• Fast switching Speed.
• Electrically ldentical to Standerd JEDEC
• High Conductance
• Axial lead Package ldeally Suited for Automatic lnsertion.
• Both normal and Pb free product are available :
   Normal : 80~95% Sn, 5~20% Pb
   Pb free: 98.5% Sn above




Similar Part No. - 1N4148M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
SILICON EPITAXIAL PLANAR DIODE?
logo
SEMTECH ELECTRONICS LTD...
1N4148M SEMTECH_ELEC-1N4148M Datasheet
172Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Kwang Myoung I.S. CO.,L...
1N4148M KISEMICONDUCTOR-1N4148M Datasheet
308Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Continental Device Indi...
1N4148M CDIL-1N4148M Datasheet
192Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
logo
Surge Components
1N4148M SURGE-1N4148M Datasheet
1Mb / 2P
Silicin Epitaxial Planar Switching Diode
More results


Similar Description - 1N4148M

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
logo
Formosa MS
MCL4148 FORMOSA-MCL4148_10 Datasheet
102Kb / 7P
150mA Surface Mount Switching Diode- 100V
MCL4448 FORMOSA-MCL4448_09 Datasheet
98Kb / 7P
150mA Surface Mount Switching Diode- 100V
logo
WILLAS ELECTRONIC CORP
MMBD4448 WILLAS-MMBD4448 Datasheet
384Kb / 2P
150mA Surface Mount Switching Diode-100V
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
logo
GOOD-ARK Electronics
1N4448 GOOD-ARK-1N4448_15 Datasheet
575Kb / 4P
Small-Signal Diode - Fast Switching Rectifier Reverse Voltage 100V Forward Current 150mA
logo
SeCoS Halbleitertechnol...
BAS316WS SECOS-BAS316WS Datasheet
260Kb / 3P
0.25A , 100V Surface Mount Small Signal Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com