Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8503 Datasheet (PDF) - Allegro MicroSystems

A8503 Datasheet PDF - Allegro MicroSystems
Part # A8503
Download  A8503 Download
File Size   409.31 Kbytes
Page   17 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Efficiency 6-Channel, 2 MHz, WLED/RGB Driver

A8503 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8503 Datasheet PDF - Allegro MicroSystems

Part # A8503
Download  A8503 Click to download

File Size   409.31 Kbytes
Page   17 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Efficiency 6-Channel, 2 MHz, WLED/RGB Driver

A8503 Datasheet (HTML) - Allegro MicroSystems


A8503 Product details

Description
The A8503 is a multi-output WLED/RGB LED driver for medium-size LCD backlighting. It integrates a current-mode boost converter with internal power switch and six current sinks. The boost converter can provide output voltages up to 47 V. The boost converter can drive up to 72 LEDs at 20 mA per LED with a battery voltage down to 5 V. The LED sinks are capable of sinking up to 32 mA each, and can also be paralleled together to achieve even higher LED currents. The A8503 provides protection against overvoltage, open diode, open or shorted LED string, and overtemperature. A dual level cycle-by-cycle current limit function provides soft start and protects against overloads. A soft start timeout monitor is provided to enhance protection when starting up into a fault condition.

Features and Benefits
▪ Active current sharing between LED strings for ±0.6% accuracy and matching
▪ Drives up to 12 series × 6 parallel = 72 LEDs (Vf = 3.2 V, If = 20 mA) at 5 V
   ▫ Each individual current sink is capable of 32 mA
   ▫ Adjustable overvoltage protection (OVP)
▪ 600 kHz to 2 MHz adjustable switching frequency
   ▫ Open or shorted LED string protection
   ▫ Open Schottky diode protection
   ▫ Overtemperature, cycle-by-cycle current limit, undervoltage, and soft start time-out protections
   ▫ Selectable latched/auto-restart protection modes
▪ No audible MLCC noise during PWM dimming
▪ No pull-up resistors required for LED modules that use ESD capacitors
▪ Extends battery life
   ▫ Efficiency optimized for 3-cell notebooks
   ▫ 0.1 μA shutdown current
   ▫ Unique architecture eliminates external voltage divider and associated battery drain
▪ Rugged and small footprint solution
   ▫ 55 V, 2 A DMOS switch in 4 mm × 4 mm package—allows IPC-2221/2 / IPC-D-275 compliant PCB layout

Applications
▪ Notebook and sub-notebook displays
▪ LCD monitors
▪ LCD panels




Similar Part No. - A8503

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8500 ALLEGRO-A8500 Datasheet
1Mb / 16P
Flexible WLED/RGB Backlight Driver for Medium Size LCDs
A8500EECTR-T ALLEGRO-A8500EECTR-T Datasheet
1Mb / 16P
Flexible WLED/RGB Backlight Driver for Medium Size LCDs
A8501 ALLEGRO-A8501 Datasheet
559Kb / 24P
2 MHz, 4 Channel100 mA WLED/RGB Driver
logo
AiT Semiconductor Inc.
A8501 AITSEMI-A8501 Datasheet
368Kb / 8P
OLED DRIVER PWM CONTROL STEP-UP DC-DC CONVERTER
REV2.5
A8501E5R AITSEMI-A8501E5R Datasheet
368Kb / 8P
OLED DRIVER PWM CONTROL STEP-UP DC-DC CONVERTER
REV2.5
More results


Similar Description - A8503

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS1518 PICSEMI-PS1518 Datasheet
631Kb / 12P
High Efficiency, Fixed Frequency WLED Driver
PIC8518 PICSEMI-PIC8518 Datasheet
127Kb / 2P
High Efficiency, Fixed Frequency WLED Driver
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC2860_D MICREL-MIC2860_D Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
High Efficiency 2 Channel WLED Driver with PWM Control
MIC2860-D MICREL-MIC2860-D_11 Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
logo
Allegro MicroSystems
A8501 ALLEGRO-A8501 Datasheet
559Kb / 24P
2 MHz, 4 Channel100 mA WLED/RGB Driver
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
logo
Micrel Semiconductor
MIC2845 MICREL-MIC2845 Datasheet
1Mb / 21P
6 Channel High Side Current Source WLED driver
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
Dual-Output RGB / 6-Channel WLED Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com