Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8511 Datasheet (PDF) - Allegro MicroSystems

A8511 Datasheet PDF - Allegro MicroSystems
Part # A8511
Download  A8511 Download
File Size   579.98 Kbytes
Page   24 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver

A8511 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8511 Datasheet PDF - Allegro MicroSystems

Part # A8511
Download  A8511 Click to download

File Size   579.98 Kbytes
Page   24 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver

A8511 Datasheet (HTML) - Allegro MicroSystems


A8511 Product details

Description
The A8511 is a multioutput WLED/RGB driver for backlighting medium-size displays. It is a fully integrated high-brightness (HB) LED driver solution that does not require external power devices to complete the backlighting design criteria. The A8511 integrates FETs for a boost converter as well as four 150 mA current sinks, offering a complete integrated solution at HB LED current levels. LED channels can be tied together for up to 600 mA sink capability. It can work from a single power supply of 6.8 to 21 V and withstand up to 40 V. The boost converter is a constant frequency, current-mode converter.

Features and Benefits
▪ Four LED sinks rated for 150 mA each (600 mA total)
▪ Boost converter with integrated 40 V DMOS switch and OVP–load-dump protection
▪ 600 kHz to 2.2 MHz switching frequency—ability to operate above the AM band
▪ Internal bias supply for single-supply operation (VIN= 6.8 to 21 V)
▪ 3.5 μA shutdown current—limits battery drain
▪ Active current sharing between LED strings for 0.8% current matching and 0.7% accuracy
▪ PWM dimming with LED PWM duty cycle control
▪ 4000:1 dimming range
▪ Extensive fault mode protection schemes:
   ▫ Shorted LED protection against misconnected loads—with true output disconnect
   ▫ Open LED disconnect protects against LED failures
   ▫ External thermistor sensing to limit LED temperature
   ▫ Output overvoltage protection (OVP): 19.5 V default can be adjusted as high as 38 V
   ▫ Open Schottky and open OVP resistor protection against external component failure
   ▫ Input under- and overvoltage protection (UVLO and OVLO) against VIN variation
   ▫ Boost current limit, output short circuit limit, overtemperature protection (OTP), and soft start

Applications include:
▪ GPS navigation systems
▪ Automotive infotainment
▪ Back-up camera displays
▪ Cluster backlighting
▪ Portable DVD players
▪ Industrial LCD displays




Similar Part No. - A8511

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
Wide Input Voltage Range, High Efficiency
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
A8512ELBTR-T ALLEGRO-A8512ELBTR-T Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
More results


Similar Description - A8511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
150 MHz RGB Video Amplifier System
logo
Allegro MicroSystems
A8500 ALLEGRO-A8500 Datasheet
1Mb / 16P
Flexible WLED/RGB Backlight Driver for Medium Size LCDs
logo
National Semiconductor ...
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
150 MHz RGB Video Amplifier System
logo
Allegro MicroSystems
A8504 ALLEGRO-A8504 Datasheet
556Kb / 18P
WLED/RGB Backlight Driver for Medium Size LCDs
logo
HYES Optoelectronics, I...
HL1505 HYES-HL1505 Datasheet
1Mb / 24P
OLED (128 횞 RGB 횞 128)
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
Allegro MicroSystems
A8501 ALLEGRO-A8501 Datasheet
559Kb / 24P
2 MHz, 4 Channel100 mA WLED/RGB Driver
A8503 ALLEGRO-A8503 Datasheet
409Kb / 17P
High Efficiency 6-Channel, 2 MHz, WLED/RGB Driver
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
Dual-Output RGB / 6-Channel WLED Driver
LDS8161 IXYS-LDS8161 Datasheet
402Kb / 22P
6-Channel / 4-Channel High-Side Linear WLED Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com