| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9995
|
363Kb / 13P |
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04 |
|
MAX9994
|
548Kb / 12P |
SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04 |
|
MAX19995
|
510Kb / 29P |
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08 |
|
MAX19997A
|
492Kb / 34P |
Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08 |
|
MAX19995A
|
410Kb / 23P |
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09 |
|
MAX19993
|
4Mb / 23P |
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10 |
|
MAX19997A
|
585Kb / 35P |
Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 2; 2/11 |
|
MAX9995
|
387Kb / 13P |
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11 |
|
MAX19997A_1108
|
631Kb / 35P |
Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11 |
|
MAX9995
|
389Kb / 13P |
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12 |