Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4938 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4938 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4938
Download  AO4938 Download
File Size   621.53 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual N-Channel MOSFET

AO4938 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4938 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4938
Download  AO4938 Click to download

File Size   621.53 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual N-Channel MOSFET

AO4938 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4938 Product details

General Description
The AO4938 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in DC-DC converters. A monolithically integrated Schottky diode in parallel with the synchronous MOSFET to boost efficiency further.

Product Summary
  FET1(N-Channel)          FET2(N-Channel)
  VDS= 30V                     30V
  ID= 8.8A (VGS=10V)    8A (VGS=10V)
  RDS(ON)                      RDS(ON)
  < 16mΩ (VGS=10V)      < 19mΩ (VGS=10V)
  < 22mΩ (VGS=4.5V)     < 28mΩ (VGS=4.5V)
                                    ESD Protected
  100% UIS Tested 100% UIS Tested
  100% Rg Tested 100% Rg Tested




Similar Part No. - AO4938

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4938 KEXIN-AO4938 Datasheet
2Mb / 7P
Dual N-Channel MOSFET
More results


Similar Description - AO4938

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4854 AOSMD-AO4854 Datasheet
206Kb / 6P
30V Dual N-channel MOSFET
AO4800B AOSMD-AO4800B_11 Datasheet
575Kb / 6P
30V Dual N-Channel MOSFET
AO4812 AOSMD-AO4812_11 Datasheet
261Kb / 5P
30V Dual N-Channel MOSFET
AO4818 AOSMD-AO4818_11 Datasheet
212Kb / 6P
30V Dual N-channel MOSFET
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
30V Dual N-channel MOSFET
AO4948 AOSMD-AO4948 Datasheet
620Kb / 8P
30V Dual N-Channel MOSFET
AO6810 AOSMD-AO6810_11 Datasheet
523Kb / 5P
30V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D_12 Datasheet
222Kb / 6P
30V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3620 GOOD-ARK-SSF3620 Datasheet
780Kb / 6P
30V Dual N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com