Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8806 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8806 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8806
Download  AOZ8806 Download
File Size   391.43 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode

AOZ8806 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8806 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8806
Download  AOZ8806 Click to download

File Size   391.43 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode

AOZ8806 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8806 Product details

General Description
The AOZ8806 is a transient voltage suppressor array designed to protect high speed data lines such as HDMI, USB 3.0, MDDI, SATA, and Gigabit Ethernet from damaging ESD events.
This device incorporates twelve surge rated, low capacitance steering diodes and a TVS in a single package. During transient conditions, the steering diodes direct the transient to either the positive side of the power supply line or to ground.
The AOZ8806 provides a typical line-to-line capacitance of 0.3 pF and low insertion loss up to 6 GHz providing greater signal integrity making it ideally suited for HDMI 1.3, Thunderbolt, or USB 3.0 applications, such as Digital TVs, DVD players, computing, set-top boxes and MDDI applications in mobile computing devices.
The AOZ8806 comes in a RoHS compliant and Halogen free 3.3 mm x 1.3 mm x 0.4 mm 8-lead package and is rated for -40 °C to +85 °C junction temperature range.

Features
● ESD protection for high-speed data lines:
   – IEC 61000-4-2, level 4 (ESD) immunity test
   – Air discharge: ±15 kV; contact discharge: ±15 kV
   – IEC61000-4-4 (EFT) 40 A (5/50 nS)
   – IEC61000-4-5 (Lightning) 4 A (8/20 µS)
   – Human Body Model (HBM) ±24 kV
● Array of surge rated diodes with internal TVS diode
● Small package saves board space
● Protects six I/O lines
● Low capacitance between I/O lines: 0.3 pF
● Low clamping voltage
● Low operating voltage: 5.0 V

Applications
● HDMI, USB 3.0, MDDI, SATA, Thunderbolt ports
● Monitors and flat panel displays
● Set-top box
● Video graphics cards
● Digital Video Interface (DVI)
● Notebook computers




Similar Part No. - AOZ8806

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
Ultra-Low Capacitance TVS Diode Array
AOZ8802ADI AOSMD-AOZ8802ADI Datasheet
365Kb / 9P
Ultra-Low Capacitance TVS Diode Array
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
Ultra-Low Capacitance TVS Diode
AOZ8804ADI AOSMD-AOZ8804ADI Datasheet
574Kb / 11P
Ultra-Low Capacitance TVS Diode
AOZ8807 AOSMD-AOZ8807 Datasheet
535Kb / 8P
Ultra-Low Capacitance TVS Diode
More results


Similar Description - AOZ8806

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V0H1U-02LS INFINEON-ESD5V0H1U-02LS Datasheet
617Kb / 7P
Ultra-Low Capacitance TVS Diode
2009-06-18
ESD5V3U1U INFINEON-ESD5V3U1U Datasheet
613Kb / 8P
Ultra-Low Capacitance TVS Diode
2010-03-12
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
Ultra-Low Capacitance TVS Diode
AOZ8808 AOSMD-AOZ8808 Datasheet
379Kb / 8P
Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
Ultra-Low Capacitance TVS Diode
AOZ8804ADI AOSMD-AOZ8804ADI Datasheet
574Kb / 11P
Ultra-Low Capacitance TVS Diode
AOZ8807 AOSMD-AOZ8807 Datasheet
535Kb / 8P
Ultra-Low Capacitance TVS Diode
AOZ8809 AOSMD-AOZ8809 Datasheet
614Kb / 9P
Ultra-Low Capacitance TVS Diode
AOZ8809ADI AOSMD-AOZ8809ADI Datasheet
873Kb / 10P
Ultra-Low Capacitance TVS Diode
AOZ8819 AOSMD-AOZ8819 Datasheet
584Kb / 9P
Ultra-Low Capacitance TVS Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com