Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8818 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8818 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8818
Download  AOZ8818 Download
File Size   375.49 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode

AOZ8818 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8818 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8818
Download  AOZ8818 Click to download

File Size   375.49 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode

AOZ8818 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8818 Product details

General Description
The AOZ8818 is a transient voltage suppressor array designed to protect high speed data lines from damaging ESD events.
This device incorporates 16 surge rated, low capacitance steering diodes and a TVS in a single package. During transient conditions, the steering diodes direct the transient to either the positive side of the power supply line or to ground.
The AOZ8818 provides a typical capacitance of 0.3 pF and low insertion loss up to 6GHz providing greater signal integrity, making it ideally suited for high speed data line applications such as Digital TVs, DVD players, Computing, set-top boxes and MDDI applications in mobile computing devices.
The AOZ8818 comes in a RoHS compliant and Halogen Free 2.5 mm x 1.0 mm x 0.55 mm DFN-10 package and is rated -40 °C to +85 °C junction temperature range.

Features
● ESD protection for high-speed data lines:
   – IEC61000-4-2, level 4 (ESD) immunity test
   – Air discharge: ±15 kV; contact discharge: ±15 kV
   – IEC61000-4-4 (EFT) 40A (5/50 ns)
   – IEC61000-4-5 (Lightning) 4 A (8/20 µs)
   – Human Body Model (HBM) ±24 kV
● Array of surge rated diodes with internal TVS diode
● Small package saves board space
● Protects four I/O lines
● Low capacitance: 0.3 pF
● Low clamping voltage
● Low operating voltage: 3.3V, 5.0 V

Applications
● High speed serial ports
● Monitors and flat panel displays
● Set-top box
● Video graphics cards
● Digital Video Interface (DVI)
● Notebook computers




Similar Part No. - AOZ8818

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8811 AOSMD-AOZ8811 Datasheet
338Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8811-03 AOSMD-AOZ8811-03 Datasheet
331Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8811DT-03 AOSMD-AOZ8811DT-03 Datasheet
331Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8819 AOSMD-AOZ8819 Datasheet
584Kb / 9P
Ultra-Low Capacitance TVS Diode
More results


Similar Description - AOZ8818

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V0H1U-02LS INFINEON-ESD5V0H1U-02LS Datasheet
617Kb / 7P
Ultra-Low Capacitance TVS Diode
2009-06-18
ESD5V3U1U INFINEON-ESD5V3U1U Datasheet
613Kb / 8P
Ultra-Low Capacitance TVS Diode
2010-03-12
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
Ultra-Low Capacitance TVS Diode
AOZ8806 AOSMD-AOZ8806 Datasheet
391Kb / 8P
Ultra-Low Capacitance TVS Diode
AOZ8808 AOSMD-AOZ8808 Datasheet
379Kb / 8P
Ultra-Low Capacitance TVS Diode
AOZ8804ADI AOSMD-AOZ8804ADI Datasheet
574Kb / 11P
Ultra-Low Capacitance TVS Diode
AOZ8807 AOSMD-AOZ8807 Datasheet
535Kb / 8P
Ultra-Low Capacitance TVS Diode
AOZ8809 AOSMD-AOZ8809 Datasheet
614Kb / 9P
Ultra-Low Capacitance TVS Diode
AOZ8809ADI AOSMD-AOZ8809ADI Datasheet
873Kb / 10P
Ultra-Low Capacitance TVS Diode
AOZ8819 AOSMD-AOZ8819 Datasheet
584Kb / 9P
Ultra-Low Capacitance TVS Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com