Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8831 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8831 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8831
Download  AOZ8831 Download
File Size   314.26 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra Low Capacitance One-line Bi-directional TVS Diode

AOZ8831 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8831 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8831
Download  AOZ8831 Click to download

File Size   314.26 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra Low Capacitance One-line Bi-directional TVS Diode

AOZ8831 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8831 Product details

General Description
The AOZ8831 is an ultra low capacitance one-line bi-directional transient voltage suppressor diode designed to protect high speed data lines and voltage sensitive electronics from high transient conditions and ESD.
This device incorporates one TVS diode in an ultra-small DFN 1006 package. It may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15kV air, ±8kV contact discharge).
The AOZ8831 comes in an RoHS compliant DFN 1006 package and is rated over a -40°C to +85°C ambient temperature range.
The ultra-small 1.0 x 0.6 x 0.5mm DFN package makes it ideal for applications where PCB space is a premium. The small size and high ESD protection makes it ideal for protecting voltage sensitive electronics from high transient conditions and ESD.

Features
● ESD protection for high-speed data lines:
   – Exceeds: IEC 61000-4-2 (ESD) ±15kV (air),
      ±8kV (contact)
   – Human Body Model (HBM) ±15kV
● Small package saves board space
● Ultra low capacitance: 0.35pF
● Low clamping voltage
● Low operating voltage: 5.0V
● Pb-free device

Applications
● Portable handheld devices
● Keypads, data lines, buttons
● Notebook computers
● Digital Cameras
● Portable GPS
● MP3 players




Similar Part No. - AOZ8831

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8831-03 AOSMD-AOZ8831-03 Datasheet
311Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-05 AOSMD-AOZ8831-05 Datasheet
310Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-24 AOSMD-AOZ8831-24 Datasheet
310Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831A AOSMD-AOZ8831A Datasheet
339Kb / 7P
Ultra Low Capacitance One-line Bidirectional TVS Diode
AOZ8831ADI-05 AOSMD-AOZ8831ADI-05 Datasheet
339Kb / 7P
Ultra Low Capacitance One-line Bidirectional TVS Diode
More results


Similar Description - AOZ8831

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8131 AOSMD-AOZ8131 Datasheet
247Kb / 6P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-03 AOSMD-AOZ8831-03 Datasheet
311Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-05 AOSMD-AOZ8831-05 Datasheet
310Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-24 AOSMD-AOZ8831-24 Datasheet
310Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
logo
Applied Power Microelec...
AR0521P0 APMICRO-AR0521P0 Datasheet
516Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR0521P6 APMICRO-AR0521P6 Datasheet
693Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR0541P1 APMICRO-AR0541P1 Datasheet
545Kb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
ESD130-B1-W0201 LEIDITECH-ESD130-B1-W0201 Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
AZ5B85-01B LEIDITECH-AZ5B85-01B Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESD0P2RF-02LS LEIDITECH-ESD0P2RF-02LS Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com