Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754C Datasheet (PDF) - Emcore Corporation

1754C Datasheet PDF - Emcore Corporation
Part # 1754C
Download  1754C Download
File Size   710.07 Kbytes
Page   7 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description C-Band DWDM DFB Laser Component

1754C Datasheet (PDF)

Go To PDF Page Download Datasheet
1754C Datasheet PDF - Emcore Corporation

Part # 1754C
Download  1754C Click to download

File Size   710.07 Kbytes
Page   7 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description C-Band DWDM DFB Laser Component

1754C Datasheet (HTML) - Emcore Corporation


1754C Product details

C-Band DWDM DFB Laser Component

The 1754C laser component is a Dense Wavelength Division Multiplexing (DWDM) laser for analog CATV applications. It features a distributed-feedback (DFB) device that has been designed specifically for radio frequency (RF) and CATV applications. The 1754C laser component has a wide temperature range for reliable performance in harsh node environments and narrow transmitter designs. It also features low adiabatic chirp to maximize signal quality in short and long lengths of fiber. The laser’s excellent inherent linearity minimizes degradation of the broadcast signals caused by quadrature amplitude modulated (QAM) channels.
The 1754C is available in all C-band ITU grid wavelengths.

Features
■ Standard ITU Grid Wavelengths
■ Advanced Analog Chip Design
■ Reduced Equipment Requirements in the Hub
■ OC-48 Pin Out
■ Telcordia Technologies™ 468 Compliant
■ Wide Temperature Range – Stable Even in Harsh Environments
■ RoHS Compliant

Applications
■ CATV Broadcast Networks
■ Networks with Limited Fiber
■ Archtectures Using Separate Optical Wavelengths to Carry Targeted Services




Similar Part No. - 1754C

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C EMCORE-1754C Datasheet
715Kb / 7P
1754C C-Band DWDM DFB Laser Module
1754C-18-BB-FC-06 EMCORE-1754C-18-BB-FC-06 Datasheet
715Kb / 7P
1754C C-Band DWDM DFB Laser Module
1754C-18-BB-FC-06 EMCORE-1754C-18-BB-FC-06 Datasheet
764Kb / 7P
Standard ITU Grid Wavelengths
1754C-18-BB-FC-08 EMCORE-1754C-18-BB-FC-08 Datasheet
715Kb / 7P
1754C C-Band DWDM DFB Laser Module
1754C-18-BB-FC-08 EMCORE-1754C-18-BB-FC-08 Datasheet
764Kb / 7P
Standard ITU Grid Wavelengths
More results


Similar Description - 1754C

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
1,550nm DWDM Direct Modulation DFB Laser
logo
Mitsubishi Electric Sem...
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
2.5Gbps DWDM InGaAsP DFB-LASER DIODE
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
1550 nm DWDM DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
Microwave DFB Laser Microwave DFB Laser
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
1751A 1550 nm DWDM DFB Laser Module
1754C EMCORE-1754C_13 Datasheet
715Kb / 7P
1754C C-Band DWDM DFB Laser Module
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
1764 1550 nm C-Band DWDM DFB Laser Module
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com