Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2609C Datasheet (PDF) - Agere Systems

2609C Datasheet PDF - Agere Systems
Part # 2609C
Download  2609C Download
File Size   49.93 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 2609C Broadband Photodiode Module

2609C Datasheet (PDF)

Go To PDF Page Download Datasheet
2609C Datasheet PDF - Agere Systems

Part # 2609C
Download  2609C Click to download

File Size   49.93 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 2609C Broadband Photodiode Module

2609C Datasheet (HTML) - Agere Systems


2609C Product details

Description
The 2609C is a packaged impedance-matched photodiode module with internal gain designed for use in optical broadband receivers in fiber-optic networks. The patented impedance-match technology results in improved gain-bandwidth product compared to external circuits due to control of parasitics between the photodiode and the impedance-matching circuit.

Features
■ 1 GHz flat response, ±0.5 dB
■ High responsivity:
   — >0.85 A/W at 1310 nm
   — 0.95 A/W at 1550 nm
■ Internal current gain, 6 dB (typ.)
■ 75 Ω impedance-matched

Applications
■ Extended bandwidth, broadband CATV receivers




Similar Part No. - 2609C

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
26090 WIHA-26090 Datasheet
3Mb / 1P
Wiha Precision Slotted/Phillips Drivers
26090 WIHA-26090 Datasheet
413Kb / 1P
SCREWDRIVERS AND NUT DRIVERS
logo
Wurth Elektronik GmbH &...
2609011081000 WURTH-2609011081000 Datasheet
431Kb / 6P
WIRL-PRO8 Radio module 868MHz
003.000
2609011091000 WURTH-2609011091000 Datasheet
431Kb / 6P
WIRL-PRO9 Radio module 915MHz low power
003.000
2609011181000 WURTH-2609011181000 Datasheet
435Kb / 6P
WIRL-PRO8 Radio module 868MHz
003.000
More results


Similar Description - 2609C

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2609B AGERE-2609B Datasheet
49Kb / 4P
2609B Broadband Photodiode Module
August 2000
2611A AGERE-2611A Datasheet
49Kb / 4P
2611A Broadband Photodiode Module
August 2000
2650A AGERE-2650A Datasheet
57Kb / 4P
2650A/B Broadband Photodiode
April 2001
logo
List of Unclassifed Man...
C30919E ETC1-C30919E Datasheet
623Kb / 3P
Photodiode-Preamplifier Module
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N Datasheet
528Kb / 6P
Broadband Photodiode
2609B EMCORE-2609B Datasheet
938Kb / 4P
Broadband Photodiode Module
2611A EMCORE-2611A Datasheet
874Kb / 4P
Broadband Photodiode Module
logo
M/A-COM Technology Solu...
MAPM-030400-010C00 MA-COM-MAPM-030400-010C00 Datasheet
70Kb / 3P
Broadband Power Module
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N_12 Datasheet
348Kb / 6P
Broadband Photodiode
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
2651A/2651E Broadband Photodiode
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com