Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2650A Datasheet (PDF) - Agere Systems

2650A Datasheet PDF - Agere Systems
Part # 2650A
Download  2650A Download
File Size   57.56 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 2650A/B Broadband Photodiode

2650A Datasheet (PDF)

Go To PDF Page Download Datasheet
2650A Datasheet PDF - Agere Systems

Part # 2650A
Download  2650A Click to download

File Size   57.56 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 2650A/B Broadband Photodiode

2650A Datasheet (HTML) - Agere Systems


2650A Product details

Description
The 2650A/B provides the proven high performance of our photodiode technology in a very practical, cost-effective package. The 2650-series features high linearity and low capacitance over a 1 GHz bandwidth. These broadband photodiodes are housed in a small, environmentally rugged coaxial package.
The 2650A/B broadband photodetector is designed to provide the performance and flexibility needed to meet the expanding applications of two-way communications networks. This photodiode is used today in forward- and return-path applications, including AMVSB CATV, QAM 64/256, PON, FTTC, and FTTH receivers.

Features
■ Low capacitance, ≤0.6 pF
■ 1 GHz flat response, ±0.5 dB
■ High responsivity:
   — ≥0.85 at 1310 nm
   — ≥0.95 at 1550 nm

Applications
■ Forward-path and return-path broadband video transport
■ EDFA/network monitors




Similar Part No. - 2650A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2650A ETC2-2650A Datasheet
510Kb / 8P
Frequency range from 50 kHz ??3.3 GHz or 8.5 GHz
logo
B&K Precision Corporati...
2650A BK-2650A Datasheet
536Kb / 8P
Handheld Spectrum Analyzers
logo
Johanson Technology Inc...
2650AT43A0100 JOHANSON-2650AT43A0100 Datasheet
188Kb / 4P
2.6~2.7GHz Chip Antenna (Ground Clearance Not Required)
logo
B&K Precision Corporati...
2650A BK-2650A_V01 Datasheet
2Mb / 89P
3.3 GHz/8.5 GHz Spectrum Analyzer
More results


Similar Description - 2650A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2609B AGERE-2609B Datasheet
49Kb / 4P
2609B Broadband Photodiode Module
August 2000
2609C AGERE-2609C Datasheet
49Kb / 4P
2609C Broadband Photodiode Module
August 2000
2611A AGERE-2611A Datasheet
49Kb / 4P
2611A Broadband Photodiode Module
August 2000
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N Datasheet
528Kb / 6P
Broadband Photodiode
2609B EMCORE-2609B Datasheet
938Kb / 4P
Broadband Photodiode Module
2611A EMCORE-2611A Datasheet
874Kb / 4P
Broadband Photodiode Module
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
Photodiode
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N_12 Datasheet
348Kb / 6P
Broadband Photodiode
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
2651A/2651E Broadband Photodiode
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com