Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A370 Datasheet (PDF) - Agere Systems

A370 Datasheet PDF - Agere Systems
Part # A370
Download  A370 Download
File Size   157.54 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description A370-Type Analog Uncooled Laser Module

A370 Datasheet (PDF)

Go To PDF Page Download Datasheet
A370 Datasheet PDF - Agere Systems

Part # A370
Download  A370 Click to download

File Size   157.54 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description A370-Type Analog Uncooled Laser Module

A370 Datasheet (HTML) - Agere Systems


A370 Product details

Description
The A370-Type Uncooled Laser Module consists of a  laser diode coupled to a single-mode fiber pigtail. The  device is available in a standard, 8-pin configuration  (see Figure 1 and/or Table 1) and is ideal for CATV  applications.

Features
■ Eight-pin package suitable for CATV applications
■ Frequency range up to 1.0 GHz
■ MQW F-P 1.3 µm laser with single-mode fiber pigtail
■ Wide operating temperature range:  –40 °C to +85 °C
■ No TEC required
■ High output power: typically 1.0 mW power coupled into single-mode fiber
■ Hermetically sealed active components
■ Internal back-facet monitor
■ Qualification program: Telcordia Technologies*  TA-983

Applications
■ Narrowband video
■ Downstream telephony and data
■ Return path systems
■ Analog and digital modulation systems
■ Telecommunications

Benefits
■ Easily board mounted
■ Requires no lead bending
■ No additional heat sinks required
■ Pin compatible with industry-standard, 14-pin  laser module
■ High output power allows for longer system spans,  more fiber splits, and greater tolerance of fiber and  connector quality




Similar Part No. - A370

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A3709FSAAA1 DBLECTRO-A3709FSAAA1 Datasheet
313Kb / 1P
D-SUB IDC FEMALE (DUAL U-SLOT)
A3709FSAAA2 DBLECTRO-A3709FSAAA2 Datasheet
313Kb / 1P
D-SUB IDC FEMALE (DUAL U-SLOT)
A3709FSAAB1 DBLECTRO-A3709FSAAB1 Datasheet
313Kb / 1P
D-SUB IDC FEMALE (DUAL U-SLOT)
A3709FSAAB2 DBLECTRO-A3709FSAAB2 Datasheet
313Kb / 1P
D-SUB IDC FEMALE (DUAL U-SLOT)
A3709FSABA1 DBLECTRO-A3709FSABA1 Datasheet
313Kb / 1P
D-SUB IDC FEMALE (DUAL U-SLOT)
More results


Similar Description - A370

ManufacturerPart #DatasheetDescription
logo
Agere Systems
A371 AGERE-A371 Datasheet
168Kb / 8P
A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
January 1999
D370 AGERE-D370 Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
D371 AGERE-D371 Datasheet
54Kb / 8P
D371-Type Digital Uncooled DFB Laser Module
January 1999
D374 AGERE-D374 Datasheet
56Kb / 8P
D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
December 2000
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
980nm Pump Laser Module, Uncooled
MU3-808-01 BOOKHAM-MU3-808-01 Datasheet
394Kb / 4P
3W 808nm Uncooled Multimode Laser Diode Module
MU4-940-04 BOOKHAM-MU4-940-04 Datasheet
209Kb / 3P
4W 940nm Uncooled Multimode Laser Diode Module
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
8W 940nm Uncooled Multimode Laser Diode Module
logo
Roithner LaserTechnik G...
RLTG065AU ROITHNER-RLTG065AU Datasheet
49Kb / 1P
Uncooled MQW Laser Module
logo
Agere Systems
1241 AGERE-1241 Datasheet
166Kb / 12P
Uncooled Laser Transmitter
September 1999
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com