| Manufacturer | Part # | Datasheet | Description |
 Agere Systems |
A370
|
157Kb / 8P |
A370-Type Analog Uncooled Laser Module
March 2001 |
|
D2300
|
265Kb / 8P |
1.3 mm D2300-Type Laser Isolated DFB Laser Module
February 2000 |
|
D371
|
54Kb / 8P |
D371-Type Digital Uncooled DFB Laser Module
January 1999 |
|
D372
|
56Kb / 8P |
D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
December 2000 |
|
D571
|
200Kb / 8P |
D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
April 2000 |
|
D572
|
370Kb / 8P |
D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
February 2000 |
 Micro Electronics |
D2300
|
265Kb / 8P |
1.3 m D2300-Type Laser Isolated DFB Laser Module
|
 Optoway Technology Inc |
DL-5300-1625
|
91Kb / 2P |
1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
|
|
DL-5300S-1650
|
91Kb / 2P |
1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
|
|
DL-5300-1650
|
80Kb / 4P |
1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
|