Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFRA08C13 Datasheet (PDF) - Agere Systems

TFRA08C13 Datasheet PDF - Agere Systems
Part # TFRA08C13
Download  TFRA08C13 Download
File Size   3047.19 Kbytes
Page   188 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description TFRA08C13 OCTAL T1/E1 Framer

TFRA08C13 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFRA08C13 Datasheet PDF - Agere Systems

Part # TFRA08C13
Download  TFRA08C13 Click to download

File Size   3047.19 Kbytes
Page   188 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description TFRA08C13 OCTAL T1/E1 Framer

TFRA08C13 Datasheet (HTML) - Agere Systems


TFRA08C13 Product details

Features
■ Eight independent T1/E1 transmit and receive framers.
■ Internal DS1 transmit clock synthesis—no external oscillator necessary.
■ Comprehensive alarm reporting and performance monitoring:
    — Programmable automatic and on-demand alarm transmission.
■ Automatic facility data link:
    — Automatic transmission of ESF performance report message.
■ Common 2.048 Mbits/s, 4.096 Mbits/s, or 8.192 Mbits/s TDM highway.
■ Dual- or single-rail line-side I/O.
■ Supports one second polling interval for performance monitoring.
■ IEEE* Std. 1149.1 JTAG boundary scan.
■ 3.3 V low-power CMOS with 5 V tolerant inputs.
■ Available in 352-pin PBGA.

Applications
■ DS3 and E3 port cards for narrowband DXCs.
■ Multiservice switches.
■ High density DS1 and E1 port cards.
■ Frame relay access devices.
■ Byte-synchronous SDH/SONET mapping.
■ SONET and SDH drop alignment.
■ IP and packet routers.




Similar Part No. - TFRA08C13

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TFRA84J13 AGERE-TFRA84J13 Datasheet
240Kb / 14P
Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
Revision 4 April 29, 2005
TFRA84J13DS0 AGERE-TFRA84J13DS0 Datasheet
240Kb / 14P
Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
Revision 4 April 29, 2005
TFRA84J13DS1 AGERE-TFRA84J13DS1 Datasheet
240Kb / 14P
Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
Revision 4 April 29, 2005
TFRA84J13DS2 AGERE-TFRA84J13DS2 Datasheet
240Kb / 14P
Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
Revision 4 April 29, 2005
TFRA84J13DS3 AGERE-TFRA84J13DS3 Datasheet
240Kb / 14P
Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
Revision 4 April 29, 2005
More results


Similar Description - TFRA08C13

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM6388 PMC-PM6388 Datasheet
66Kb / 4P
Octal E1 Framer
PM6388 PMC-PM6388 Datasheet
2Mb / 345P
OCTAL E1 FRAMER
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
Octal T1/E1/J1 Framer
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
OCTAL T1/E1/J1 FRAMER
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM6388-1 PMC-PM6388-1 Datasheet
56Kb / 2P
Octal E1 Framer
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
T1 / E1 / J1 Octal Framer
November 26, 2012
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com