Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7610BBCZ Datasheet (PDF) - Analog Devices

ADV7610BBCZ Datasheet PDF - Analog Devices
Part # ADV7610BBCZ
Download  ADV7610BBCZ Download
File Size   279.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 165 MHz HDMI Receiver

ADV7610BBCZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7610BBCZ Datasheet PDF - Analog Devices

Part # ADV7610BBCZ
Download  ADV7610BBCZ Click to download

File Size   279.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 165 MHz HDMI Receiver

ADV7610BBCZ Datasheet (HTML) - Analog Devices


ADV7610BBCZ Product details

GENERAL DESCRIPTION

The ADV7610 is offered in professional (no HDCP) and industrial versions. The operating temperature range is −40°C to +85°C. The ADV7610 is a high quality, single input HDMI-capable receiver. It incorporates an HDMI-capable receiver that supports all mandatory 3D TV defined in HDMI specification. The ADV7610 supports formats up to UXGA 60 Hz at eight bits. It integrates a CEC controller that supports the capability

discovery and control (CDC) feature.


The following audio formats are accessible:

Four streams from the I2S serializer (eight channels)

A stream from the S/PDIF serializer (two uncompressed channels or N compressed channels, for example, AC3)

A DST stream




Similar Part No. - ADV7610BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ AD-ADV7611BSWZ Datasheet
245Kb / 16P
Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P AD-ADV7611BSWZ-P Datasheet
245Kb / 16P
Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P-RL AD-ADV7611BSWZ-P-RL Datasheet
245Kb / 16P
Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-RL AD-ADV7611BSWZ-RL Datasheet
245Kb / 16P
Low Power 165 MHz HDMI Receiver
Rev. D
More results


Similar Description - ADV7610BBCZ

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
HDMI Receiver
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
HDMI Receiver
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
VastLane HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
Low Power 165 MHz HDMI Receiver
Rev. D
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
Dual Port, Xpressview, 225 MHz HDMI Receiver
1/14-Rev. D to Rev. E
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
6/12-Rev. 0 to Rev. A
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
5/14-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com