Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T849GTA Datasheet (PDF) - Diodes Incorporated

ZX5T849GTA Datasheet PDF - Diodes Incorporated
Part # ZX5T849GTA
Download  ZX5T849GTA Download
File Size   126.28 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223

ZX5T849GTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX5T849GTA Datasheet PDF - Diodes Incorporated

Part # ZX5T849GTA
Download  ZX5T849GTA Click to download

File Size   126.28 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223

ZX5T849GTA Datasheet (HTML) - Diodes Incorporated


ZX5T849GTA Product details

DESCRIPTION
Packaged in the SOT223 outline this new 5th generation low saturation 30V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

FEATURES
• Extemely low equivalent on-resistance; RSAT = 28mΩ at 6.5A
• 7 amps continuous current
• Up to 20 amps peak current
• Very low saturation voltages
• Excellent hFE characteristics up to 20 amps

APPLICATIONS
• DC - DC converters
• MOSFET gate drivers
• Charging circuits
• Power switches
• Motor control




Similar Part No. - ZX5T849GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T849GTA ZETEX-ZX5T849GTA Datasheet
120Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Similar Description - ZX5T849GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T849G ZETEX-ZX5T849G Datasheet
120Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2007G ZETEX-ZXTN2007G Datasheet
125Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2007G DIODES-ZXTN2007G Datasheet
141Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTN2007G DIODES-ZXTN2007G_15 Datasheet
141Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com