Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7720 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-7720 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-7720
Download  HCPL-7720 Download
File Size   292.69 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 40 ns Propagation Delay, CMOS Optocoupler

HCPL-7720 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-7720 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7720
Download  HCPL-7720 Click to download

File Size   292.69 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 40 ns Propagation Delay, CMOS Optocoupler

HCPL-7720 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-7720 Product details

Description
Available in either an 8-pin DIP or SO-8 package style respectively, the HCPL-772X or HCPL-072X optocouplers utilize the latest CMOS IC technology to achieve out standing performance with very low power consumption. The HCPL-772X/072X require only two bypass capacitors for complete CMOS compatability.

Features
•  +5 V CMOS compatibility
•  20 ns maximum prop. delay skew
•  High speed: 25 MBd
•  40 ns max. prop. delay
•  10 kV/µs minimum common mode rejection
•  –40 to 85°C temperature range
•  Safety and regulatory approvals  
   UL recognized
     – 3750 Vrmsfor 1 min. per UL 1577
     – 5000 Vrmsfor 1 min. per UL 1577(for HCPL-772X option 020)
  CSA component acceptance notice #5
  IEC/EN/DIN EN 60747-5-5   
    – VIORM= 630 Vpeakfor HCPL-772X option 060
    – VIORM= 567 Vpeakfor HCPL-072X option 060

Applications
•  Digital fieldbus isolation: CC-Link, DeviceNet, Profibus, SDS
•  AC plasma display panel level shifting
•  Multiplexed data transmission
•  Computer peripheral interface
•  Microprocessor system interface




Similar Part No. - HCPL-7720

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Broadcom Corporation.
HCPL-7720 BOARDCOM-HCPL-7720 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-7720 BOARDCOM-HCPL-7720 Datasheet
903Kb / 21P
40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720-000E AVAGO-HCPL-7720-000E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
More results


Similar Description - HCPL-7720

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
200 ns maximum propagation delay
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
40-ns Propagation Delay, CMOS Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com