Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7710 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-7710 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-7710
Download  HCPL-7710 Download
File Size   332.27 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion

HCPL-7710 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-7710 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7710
Download  HCPL-7710 Click to download

File Size   332.27 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion

HCPL-7710 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-7710 Product details

Description
Available in either an 8-pin DIP or SO-8 package style respectively, the HCPL-7710 or HCPL-0710 optocouplers utilize the latest CMOS IC technology to achieve outstanding performance with very low power consumption. The HCPL-x710 require only two bypass capacitors for complete CMOS compatibility.
Basic building blocks of the HCPL-x710 are a CMOS LED driver IC, a high speed LED and a CMOS detector IC. A CMOS logic input signal controls the LED driver IC, which supplies current to the LED. The detector IC incorporates an integrated photodiode, a high-speed transimpedance amplifer, and a voltage comparator with an output driver.

Features
• +5 V CMOS compatibility
• 8 ns maximum pulse width distortion
• 20 ns maximum prop. delay skew
• High speed: 12 Mbd
• 40 ns maximum prop. delay
• 10 kV/µs minimum common mode rejection
• -40°C to 100°C temperature range
• Safety and regulatory approvals
   UL Recognized
   3750 Vrms for 1 min. per UL 1577
   5000 Vrms for 1 min. per UL 1577 (for HCPL-7710 option 020)
   CSA Component Acceptance Notice #5
   IEC/EN/DIN EN 60747-5-5
      – VIORM = 630 Vpeak for HCPL-7710 Option 060
      – VIORM = 567 Vpeak for HCPL-0710 Option 060
  
Applications
• Digital feldbus isolation: DeviceNet, SDS, Profbus
• AC plasma display panel level shifting
• Multiplexed data transmission
• Computer peripheral interface
• Microprocessor system interface




Similar Part No. - HCPL-7710

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-7710 BOARDCOM-HCPL-7710 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-020E AVAGO-HCPL-7710-020E Datasheet
305Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-060E AVAGO-HCPL-7710-060E Datasheet
305Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
More results


Similar Description - HCPL-7710

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
200 ns maximum propagation delay
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
40-ns Propagation Delay, CMOS Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com