Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1898 Datasheet (PDF) - Rohm

2SD1898 Datasheet PDF - Rohm
Part # 2SD1898
Download  2SD1898 Download
File Size   112.31 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (80V, 1A)

2SD1898 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1898 Datasheet PDF - Rohm

Part # 2SD1898
Download  2SD1898 Click to download

File Size   112.31 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (80V, 1A)

2SD1898 Datasheet (HTML) - Rohm


2SD1898 Product details

● Features
1) High VCEO, VCEO = 80V
2) High IC, IC = 1A (DC)
3) Good hFE linearity.
4) Low VCE(sat).
5) Complements the 2SB1260 / 2SB1241 / 2SB1181.




Similar Part No. - 2SD1898

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
89Kb / 4P
Power Transistor (80V, 1A)
logo
Weitron Technology
2SD1898 WEITRON-2SD1898 Datasheet
112Kb / 4P
Epitaxial Planar NPN Transistors
logo
Unisonic Technologies
2SD1898 UTC-2SD1898 Datasheet
123Kb / 3P
POWER TRANSISTOR
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
96Kb / 5P
Power Transistor (80V, 1A)
2SD1898 ROHM-2SD1898 Datasheet
120Kb / 4P
Power Transistor (80V, 1A)
More results


Similar Description - 2SD1898

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
89Kb / 4P
Power Transistor (80V, 1A)
2SD1898 ROHM-2SD1898_1 Datasheet
96Kb / 5P
Power Transistor (80V, 1A)
2SB1260 ROHM-2SB1260_09 Datasheet
203Kb / 3P
Power Transistor (-80V, -1A)
2SD1898 ROHM-2SD1898_09 Datasheet
177Kb / 4P
Power Transistor (80V, 1A)
2SD1898 ROHM-2SD1898_11 Datasheet
120Kb / 4P
Power Transistor (80V, 1A)
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
Power Transistor (80V, 1A)
logo
Rohm
2SD1733TLR ROHM-2SD1733TLR Datasheet
112Kb / 4P
Power Transistor (80V, 1A)
logo
Galaxy Semi-Conductor H...
2SB1260 BILIN-2SB1260 Datasheet
188Kb / 4P
Power Transistor(-80V,-1A)
Rev.A
logo
Nanjing International G...
2SB1260 DGNJDZ-2SB1260 Datasheet
612Kb / 4P
Power Transistor(-80V,-1A)
2SD1898 DGNJDZ-2SD1898 Datasheet
777Kb / 4P
Power Transistor(80V,1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com