Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-312T Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-312T Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-312T
Download  ACPL-312T Download
File Size   226.84 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler

ACPL-312T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-312T Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-312T
Download  ACPL-312T Click to download

File Size   226.84 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler

ACPL-312T Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-312T Product details

Description

The  ACPL-312T  device  contains  an  AlGaAs  LED. The  LED is optically coupled to an integrated circuit with a power output stage. This automotive optocoupler is ideally suited for driving power IGBTs and MOSFETs used in automotive  motor  control  inverter  and  DC-DC  converters  applications.



Features

•  2.5 A maximum peak output current

•  2.0 A minimum peak output current

•  25 kV/μs minimum Common Mode Rejection (CMR) at VCM= 1500 V

•  0.5  V  maximum  low  level  output  voltage  (VOL)  - Eliminates need for negative gate drive

•  ICC= 5 mA maximum supply current

•  Under  Voltage  Lock-Out  protection  (UVLO)  with hysteresis

•  Wide operating VCCrange: 15 to 30 Volts

•  500 ns maximum switching speeds

•  Automotive temperature range:

  -  -40°C to 125°C

•  Safety Approval (Pending):

  -  UL Recognized 3750 Vrms for 1 min. (5kV for option x20E available upon request).

  -  CSA

  -  IEC/EN/DIN EN 60747-5-2



Applications

•  Automotive Motor/DC-DC Converter

•  Automotive Isolated IGBT/MOSFET Gate Drive

•  AC and Brushless DC Motor Drives

•  Industrial Inverters Systems

•  Switch mode power supplies




Similar Part No. - ACPL-312T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
More results


Similar Description - ACPL-312T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
logo
Broadcom Corporation.
ACPL-33JT BOARDCOM-ACPL-33JT Datasheet
1Mb / 36P
Automotive 2.5 Amp Gate Drive Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com