Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-312T Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-312T
Description  Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-312T Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-312T Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-312T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
-55
150
°C
Operating Temperature
TA
-40
125
°C
Average Input Current
IF(AVG)
25
mA
1
Peak Transient Input Current
(<1 μs pulse width, 300 pps)
IF(TRAN)
1.0
A
Reverse Input Voltage
VR
5
V
“High” Peak Output Current
IOH(PEAK)
2.5
A
2
“Low” Peak Output Current
IOL(PEAK)
2.5
A
2
Supply Voltage
(VCC - VEE)
0
35
Volts
Input Current (Rise/Fall Time)
tr(IN) /tf(IN)
500
ns
Output Voltage
VO(PEAK)
0
Vcc
Volts
Output Power Dissipation
PO
250
mW
3
Total Power Dissipation
PT
295
mW
4
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings Section
Ordering Information
Part
Number
Options
Package
Surface
Mount
Gullwing
Tape &
Reel
UL 5000
Vrms/1
Minute rating
IEC/EN/DIN EN
60747-5-2
Quantity
RoHS
Compliant
ACPL-312T
-000E
DIP 8
X
50 per tube
-300E
Gullwing
X
X
X
50 per tube
-500E
X
X
X
X
1000 per reel
Note:- option x20E for UL1577 5000Vrms for 1minute will be offered upon request
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-312T-500E to order product of gullwing DIP-8 package in Tape and Reel packaging with RoHS compliant.
Example 2:
ACPL-312T-000E to order product of DIP-8 package in tube packaging with RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies Limited. All rights reserved.
AV02-1279EN - May 20, 2008



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com