Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3230 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
REF3230 Datasheet PDF - Texas Instruments
Part # REF3230
Download  REF3230 Download
File Size   902.85 Kbytes
Page   20 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE

REF3230 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF3230 Datasheet PDF - Texas Instruments

Part # REF3230
Download  REF3230 Click to download

File Size   902.85 Kbytes
Page   20 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE

REF3230 Datasheet (HTML) - Texas Instruments




Similar Part No. - REF3230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3230 TI-REF3230 Datasheet
263Kb / 14P
4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3230 BURR-BROWN-REF3230 Datasheet
311Kb / 15P
4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3230 TI1-REF3230 Datasheet
820Kb / 22P
SOT23-6 SERIES VOLTAGE REFERENCES
REF3230 TI2-REF3230 Datasheet
1Mb / 21P
4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
REVISED AUGUST 2011
REF3230 TI2-REF3230 Datasheet
532Kb / 21P
4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
REVISED AUGUST 2011
More results


Similar Description - REF3230

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
logo
Texas Instruments
REF3212 TI-REF3212 Datasheet
263Kb / 14P
4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3212 BURR-BROWN-REF3212 Datasheet
311Kb / 15P
4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912_08 Datasheet
581Kb / 15P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE1004 DIODES-ZXRE1004 Datasheet
96Kb / 5P
SOT23 MICROPOWER (4關A) 1.22V VOLTAGE REFERENCE
Rev Package
logo
Texas Instruments
REF3212-EP TI1-REF3212-EP Datasheet
443Kb / 22P
4 ppm/째C, 100 關A SOT23-6 SERIES VOLTAGE REFERENCES
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3212-EP TI-REF3212-EP_15 Datasheet
352Kb / 22P
4 ppm/째C, 100 關A SOT23-6 SERIES VOLTAGE REFERENCES
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com