Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3230 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF3230
Description  4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3230 Datasheet(HTML) 2 Page - Texas Instruments

  REF3230 Datasheet HTML 1Page - Texas Instruments REF3230 Datasheet HTML 2Page - Texas Instruments REF3230 Datasheet HTML 3Page - Texas Instruments REF3230 Datasheet HTML 4Page - Texas Instruments REF3230 Datasheet HTML 5Page - Texas Instruments REF3230 Datasheet HTML 6Page - Texas Instruments REF3230 Datasheet HTML 7Page - Texas Instruments REF3230 Datasheet HTML 8Page - Texas Instruments REF3230 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1
GND_F
GND_S
3
2
ENABLE
5
6
4
OUT_S
IN
OUT_F
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PACKAGE
PRODUCT
OUTPUT VOLTAGE
PACKAGE-LEAD
DESIGNATOR
PACKAGE MARKING
REF3212
1.25V
SOT23-6
DBV
R32A
REF3220
2.048V
SOT23-6
DBV
R32B
REF3225
2.5V
SOT23-6
DBV
R32C
REF3230
3.0V
SOT23-6
DBV
R32D
REF3233
3.3V
SOT23-6
DBV
R32E
REF3240
4.096
SOT23-6
DBV
R32F
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
REF32xx
UNIT
Input voltage
+7.5
V
Output short-circuit
Continuous
Operating temperature
–55 to +135
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
4
kV
ESD ratings
Charged device model (CDM)
1
kV
Machine model (MM)
400
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
PIN DESCRIPTIONS
PIN CONFIGURATION
PIN
NAME
NO.
FUNCTION
DESCRIPTION
DBV PACKAGE
SOT23-6
This pin enables and
ENABLE
3
Digital input
(TOP VIEW)
disables the device
Ground connection of the
GND_F
1
Analog output
device
GND_S
2
Analog input
Ground sense at the load
IN
4
Analog input
Positive supply voltage
Output of Reference
OUT_F
6
Analog output
Voltage
Sense connection at the
NOTE:: The location of pin 1 on the REF32xx is
OUT_S
5
Analog input
load
determined
by
orienting
the
package
marking as shown in the diagram above.
2
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com