Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66015 Datasheet (PDF) - Gamma Microelectronics Inc.

GM66015 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM66015
Download  GM66015 Download
File Size   247.7 Kbytes
Page   11 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1.5A LOW DROPOUT PRECISION REGULATOR

GM66015 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM66015 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM66015
Download  GM66015 Click to download

File Size   247.7 Kbytes
Page   11 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1.5A LOW DROPOUT PRECISION REGULATOR

GM66015 Datasheet (HTML) - Gamma Microelectronics Inc.


GM66015 Product details

Description
GM66015 series of positive adjustable and fixed regulators is designed to provide 1.5A output current with low dropout voltage performance. On-chip trimming adjusts the reference voltage with an accuracy of ±1% for adjustable, and ±2% for fixed output voltage versions. Besides the features mentioned, GM66015 works well in post regulators or micro-processor power supplies where low voltage operation and fast transient response are required. GM66015 includes over current protection and thermal shutdown protection as well.
GM66015 is available in TO-220, surface-mount TO-263, surface-mount TO252 and SOT223 packages.

Features
■ Adjustable or Fixed Output
■ Output Current of 1.5A
■ Low Dropout, 1.5V max at 1.5A Output Current
■ 0.04% Line Regulation
■ 0.2 % Load Regulation
■ 100% Thermal Limit Burn-In
■ Fast Transient Response
■ Pin to Pin Compatible with LT1086 series

Applications
■ Post Regulators for Switching Supplies
■ High Efficiency Linear Regulators
■ Motherboards




Similar Part No. - GM66015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603 ETC2-GM6603 Datasheet
147Kb / 10P
3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
2Mb / 1P
Adjustable Shunt Regulators
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
159Kb / 11P
3.0A LOW DROPOUT PRECISION REGULATOR
logo
List of Unclassifed Man...
GM6603-1.5TA3R ETC2-GM6603-1.5TA3R Datasheet
147Kb / 10P
3.0A PRECISION LINEAR REGULATORS
More results


Similar Description - GM66015

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
1.5A Low-Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G953 GMT-G953 Datasheet
29Kb / 1P
1.5A Low Dropout Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
AT9915 GMT-AT9915 Datasheet
65Kb / 1P
1.5A Low Dropout Regulator
G9915 GMT-G9915 Datasheet
94Kb / 1P
1.5A Low Dropout Regulator
logo
Unisonic Technologies
LR2915 UTC-LR2915 Datasheet
168Kb / 4P
1.5A, LOW DROPOUT REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com