Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-0301 Datasheet (PDF) - Fairchild Semiconductor

HLMP-0301 Datasheet PDF - Fairchild Semiconductor
Part # HLMP-0301
Download  HLMP-0301 Download
File Size   36.45 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS

HLMP-0301 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-0301 Datasheet PDF - Fairchild Semiconductor

Part # HLMP-0301
Download  HLMP-0301 Click to download

File Size   36.45 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS

HLMP-0301 Datasheet (HTML) - Fairchild Semiconductor


HLMP-0301 Product details

DESCRIPTION
The HLMP-0X0X series of rectangular lamps are direct replacements for Agilent’s series with the same part numbers. The series is similar to MV5X123 except for the larger lens size. Like the MV5X123, the HLMP-0X0X is stackable. The lamps are tinted and diffused.

FEATURES
• Wide viewing angle
• Solid state reliability
• Perfect for panel indicators




Similar Part No. - HLMP-0301

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-0301 QT-HLMP-0301 Datasheet
252Kb / 3P
RECTANCULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0301 HP-HLMP-0301 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0301 AVAGO-HLMP-0301 Datasheet
281Kb / 8P
Rectangular light emitting surface
logo
Broadcom Corporation.
HLMP-0301 BOARDCOM-HLMP-0301 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0301-C00xx AVAGO-HLMP-0301-C00xx Datasheet
281Kb / 8P
Rectangular light emitting surface
More results


Similar Description - HLMP-0301

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV53123 QT-MV53123 Datasheet
227Kb / 3P
RECTANGULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV53123 FAIRCHILD-MV53123 Datasheet
251Kb / 4P
RECTANGULAR SOLID STATE LAMPS
MV53124A FAIRCHILD-MV53124A Datasheet
281Kb / 4P
RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Kingbright Corporation
L-513 KINGBRIGHT-L-513 Datasheet
178Kb / 6P
2.5 X 5MM RECTANGULAR SOLID LAMPS
logo
List of Unclassifed Man...
L513HDT ETC-L513HDT Datasheet
178Kb / 6P
2.5 X 5MM RECTANGULAR SOLID LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
2 X 5 MM RECTANGULAR SOLID LAMPS
L173 ETC-L173 Datasheet
163Kb / 5P
2.5 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com