Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR205 Datasheet (PDF) - Sanken electric

BR205 Datasheet PDF - Sanken electric
Part # BR205
Download  BR205 Download
File Size   610.12 Kbytes
Page   12 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description POL Converter Module for 5 V System Intermediate Bus

BR205 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR205 Datasheet PDF - Sanken electric

Part # BR205
Download  BR205 Click to download

File Size   610.12 Kbytes
Page   12 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description POL Converter Module for 5 V System Intermediate Bus

BR205 Datasheet (HTML) - Sanken electric


BR205 Product details

Description

The BR205 is a thin type POL converter modules with an industry standard exterior shape and footprint, responsive to very high speed loads and compatible with ceramic capacitors.



Features and Benefits

• Industry standard footprint

• Improved soldering: gold-plated pads and side notches

• Synchronized rectifying type stepdown chopper

• High power

• High efficiency: 96.4% at VIN= 5 V, VO= 3.3 V, IO= 5 A

• Operating temperature range: –40°C to 85°C

• Input voltage range: 4.5 to 7.0 VDC

• Output voltage: 0.75 to 3.63 V

• Output current range: 0 to 10 A

• Operating frequency: 600 kHz

• Overcurrent protection function




Similar Part No. - BR205

ManufacturerPart #DatasheetDescription
logo
Sanken electric
BR205 SANKEN-BR205 Datasheet
610Kb / 12P
POL Converter Module for 5 V System Intermediate Bus
More results


Similar Description - BR205

ManufacturerPart #DatasheetDescription
logo
Sanken electric
BR200 SANKEN-BR200 Datasheet
683Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR202 SANKEN-BR202 Datasheet
616Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR204 SANKEN-BR204 Datasheet
604Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR206 SANKEN-BR206 Datasheet
696Kb / 12P
POL Converter Module for 5 V System Intermediate Bus
BR200 SANKEN-BR200 Datasheet
684Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR201 SANKEN-BR201 Datasheet
684Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR202 SANKEN-BR202 Datasheet
622Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR203 SANKEN-BR203 Datasheet
617Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR205 SANKEN-BR205 Datasheet
610Kb / 12P
POL Converter Module for 5 V System Intermediate Bus
BR206 SANKEN-BR206 Datasheet
697Kb / 12P
POL Converter Module for 5 V System Intermediate Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com