Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR201 Datasheet (PDF) - Sanken electric

BR201 Datasheet PDF - Sanken electric
Part # BR201
Download  BR201 Download
File Size   684.16 Kbytes
Page   12 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description POL Converter Module for 12 V System Intermediate Bus

BR201 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR201 Datasheet PDF - Sanken electric

Part # BR201
Download  BR201 Click to download

File Size   684.16 Kbytes
Page   12 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description POL Converter Module for 12 V System Intermediate Bus

BR201 Datasheet (HTML) - Sanken electric


BR201 Product details

Description

The BR200 and BR201 are thin type POL converter modules with an industry standard exterior shape and footprint, responsive to very high speed loads and compatible with ceramic capacitors.



Features and Benefits

• Industry standard footprint

• Improved soldering: gold-plated pads and side notches

• Synchronized rectifying type stepdown chopper

• High power

• High efficiency:

▫BR200, 89.9% at VIN= 12 V, VO= 1.5 V, IO= 7 A

▫BR201, 93.8% at VIN= 12 V, VO= 3.3 V, IO= 7 A

• Operating temperature range: –40°C to 85°C

• Input voltage range: 7 to 14 VDC

• Output voltage: BR200, 0.75 to 1.65 V; BR201, 1.6 to 3.63 V

• Output current range: 0 to 10 A

• Operating frequency: BR200, 300 kHz; BR201, 600 kHz

• Overcurrent protection function




Similar Part No. - BR201

ManufacturerPart #DatasheetDescription
logo
Sanken electric
BR201 SANKEN-BR201 Datasheet
683Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
logo
Keystone Electronics Co...
BR2012 KEYSTONE-BR2012 Datasheet
472Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
logo
Panasonic Semiconductor
BR2016 PANASONIC-BR2016 Datasheet
185Kb / 6P
Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
More results


Similar Description - BR201

ManufacturerPart #DatasheetDescription
logo
Sanken electric
BR200 SANKEN-BR200 Datasheet
683Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR202 SANKEN-BR202 Datasheet
616Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR204 SANKEN-BR204 Datasheet
604Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR205 SANKEN-BR205 Datasheet
610Kb / 12P
POL Converter Module for 5 V System Intermediate Bus
BR200 SANKEN-BR200 Datasheet
684Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR202 SANKEN-BR202 Datasheet
622Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR203 SANKEN-BR203 Datasheet
617Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR204 SANKEN-BR204 Datasheet
605Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR205 SANKEN-BR205 Datasheet
610Kb / 12P
POL Converter Module for 5 V System Intermediate Bus
BR206 SANKEN-BR206 Datasheet
697Kb / 12P
POL Converter Module for 5 V System Intermediate Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com