Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5205 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPM-5205 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPM-5205
Download  ACPM-5205 Download
File Size   327.95 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description UMTS Band5 (824-849MHz) 3x3mm Power Amplifier Module

ACPM-5205 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPM-5205 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5205
Download  ACPM-5205 Click to download

File Size   327.95 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description UMTS Band5 (824-849MHz) 3x3mm Power Amplifier Module

ACPM-5205 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPM-5205 Product details

Description
The ACPM-5205 is a fully matched 10-pin surface mount module developed for UMTS Band5. This power amplifier module operates in the 824-849MHz bandwidth. The ACPM-5205 meets stringent UMTS linearity requirements up to 27.5dBm output power. The 3mmx3mm form factor package is self contained, incorporating 50ohm input and output matching networks. The PA also contains internal DC blocking capacitors for RF input and output ports.

Features
• Thin Package (1.0mm typ)
• Excellent Linearity
• 3-mode power control with Vbp and Vmode
    – Bypass / Mid Power Mode / High Power Mode
• High Efficiency at max output power
• 10-pin surface mounting package
• Internal 50ohm matching networks for both RF input and output
• Integrated coupler
    – Coupler and Isolation ports for daisy chain
• Green (Lead-free and RoHS compliant)

Applications
• UMTS Band5




Similar Part No. - ACPM-5205

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201 AVAGO-ACPM-5201 Datasheet
329Kb / 13P
Excellent Linearity
logo
Broadcom Corporation.
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201-BLK AVAGO-ACPM-5201-BLK Datasheet
329Kb / 13P
Excellent Linearity
logo
Broadcom Corporation.
ACPM-5201-BLK BOARDCOM-ACPM-5201-BLK Datasheet
329Kb / 13P
UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201-TR1 AVAGO-ACPM-5201-TR1 Datasheet
329Kb / 13P
Excellent Linearity
More results


Similar Description - ACPM-5205

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5005-TR1 AVAGO-ACPM-5005-TR1 Datasheet
363Kb / 13P
Multimode PA - UMTS Band5 and CDMA Cellular (815-849MHz) 3x3mm Power Amplifier Module with Coupler
ACPM-5008-TR1 AVAGO-ACPM-5008-TR1 Datasheet
312Kb / 13P
UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
ACPM-5202 AVAGO-ACPM-5202 Datasheet
323Kb / 13P
UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
ACPM-5208 AVAGO-ACPM-5208 Datasheet
321Kb / 13P
UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
ACPM-7311-TR1 AVAGO-ACPM-7311-TR1 Datasheet
1Mb / 18P
UMTS800 4x4 Power Amplifier (824-849MHz)
ACPM-7355 AVAGO-ACPM-7355 Datasheet
378Kb / 19P
UMTS Dual-Band 4x5mm Power Amplifier Module (Band2/Band5)
logo
Broadcom Corporation.
ACPM-5005 BOARDCOM-ACPM-5005 Datasheet
363Kb / 13P
Multimode PA - UMTS Band5 and CDMA Cellular (815-849MHz) 3x3mm Power Amplifier Module with Coupler
ACPM-5008 BOARDCOM-ACPM-5008 Datasheet
312Kb / 13P
UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
ACPM-7312 BOARDCOM-ACPM-7312 Datasheet
1Mb / 16P
UMTS Band5 (824-849MHz) 4x4 Power Amplifier Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com