| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
LPC4350
|
1Mb / 145P |
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011 |
|
LPC4350
|
2Mb / 149P |
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012 |
|
LPC408X-7X
|
2Mb / 123P |
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012 |
|
LPC4350
|
2Mb / 153P |
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013 |
|
LPC82X
|
1Mb / 81P |
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1-1 October 2014 |
|
LPC54101J256BD64QL
|
1Mb / 90P |
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016 |
|
LPC5411X
|
2Mb / 105P |
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018 |
|
LPC111XLV
|
1Mb / 53P |
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012 |
|
LPC112X
|
1Mb / 63P |
32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015 |
|
LPC43S50
|
7Mb / 156P |
32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020 |