| Electronic Components Datasheet Search |
|
LPC4370 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4370 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 150 page ![]() LPC4370 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 21 October 2013 9 of 150 NXP Semiconductors LPC4370 32-bit ARM Cortex-M4/M0 microcontroller P1_2 R3 K1 [3] I; PU I/O GPIO0[9] — General purpose digital input/output pin. Boot pin (see Table 5). O CTOUT_6 — SCT output 6. Match output 2 of timer 1. I/O EMC_A7 — External memory address line 7. I/O SGPIO9 — General purpose digital input/output pin. - R — Function reserved. I/O SSP0_MOSI — Master Out Slave in for SSP0. - R — Function reserved. - R — Function reserved. P1_3 P5 J1 [3] I; PU I/O GPIO0[10] — General purpose digital input/output pin. O CTOUT_8 — SCT output 8. Match output 0 of timer 2. I/O SGPIO10 — General purpose digital input/output pin. O EMC_OE — LOW active Output Enable signal. O USB0_IND1 — USB0 port indicator LED control output 1. I/O SSP1_MISO — Master In Slave Out for SSP1. - R — Function reserved. O SD_RST — SD/MMC reset signal for MMC4.4 card. P1_4 T3 J2 [3] I; PU I/O GPIO0[11] — General purpose digital input/output pin. O CTOUT_9 — SCT output 9. Match output 1 of timer 2. I/O SGPIO11 — General purpose digital input/output pin. O EMC_BLS0 — LOW active Byte Lane select signal 0. O USB0_IND0 — USB0 port indicator LED control output 0. I/O SSP1_MOSI — Master Out Slave in for SSP1. - R — Function reserved. O SD_VOLT1 — SD/MMC bus voltage select output 1. P1_5 R5 J4 [3] I; PU I/O GPIO1[8] — General purpose digital input/output pin. O CTOUT_10 — SCT output 10. Match output 2 of timer 2. - R — Function reserved. O EMC_CS0 — LOW active Chip Select 0 signal. I USB0_PWR_FAULT — Port power fault signal indicating overcurrent condition; this signal monitors over-current on the USB bus (external circuitry required to detect over-current condition). I/O SSP1_SSEL — Slave Select for SSP1. I/O SGPIO15 — General purpose digital input/output pin. O SD_POW — SD/MMC power monitor output. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |