| Electronic Components Datasheet Search |
|
LPC4370 Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4370 Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 150 page ![]() LPC4370 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 21 October 2013 14 of 150 NXP Semiconductors LPC4370 32-bit ARM Cortex-M4/M0 microcontroller P2_1 N15 G7 [3] I; PU I/O SGPIO5 — General purpose digital input/output pin. I U0_RXD — Receiver input for USART0. I/O EMC_A12 — External memory address line 12. I USB0_PWR_FAULT — Port power fault signal indicating overcurrent condition; this signal monitors over-current on the USB bus (external circuitry required to detect over-current condition). I/O GPIO5[1] — General purpose digital input/output pin. - R — Function reserved. I T3_CAP1 — Capture input 1 of timer 3. - R — Function reserved. P2_2 M15 F5 [3] I; PU I/O SGPIO6 — General purpose digital input/output pin. I/O U0_UCLK — Serial clock input/output for USART0 in synchronous mode. I/O EMC_A11 — External memory address line 11. O USB0_IND1 — USB0 port indicator LED control output 1. I/O GPIO5[2] — General purpose digital input/output pin. I CTIN_6 — SCT input 6. Capture input 1 of timer 3. I T3_CAP2 — Capture input 2 of timer 3. - R — Function reserved. P2_3 J12 D8 [4] I; PU I/O SGPIO12 — General purpose digital input/output pin. I/O I2C1_SDA — I2C1 data input/output (this pin does not use a specialized I2C pad). O U3_TXD — Transmitter output for USART3. I CTIN_1 — SCT input 1. Capture input 1 of timer 0. Capture input 1 of timer 2. I/O GPIO5[3] — General purpose digital input/output pin. - R — Function reserved. O T3_MAT0 — Match output 0 of timer 3. I USB0_PWR_EN — VBUS drive signal (towards external charge pump or power management unit); indicates that Vbus must be driven (active HIGH). P2_4 K11 D9 [4] I; PU I/O SGPIO13 — General purpose digital input/output pin. I/O I2C1_SCL — I2C1 clock input/output (this pin does not use a specialized I2C pad). I U3_RXD — Receiver input for USART3. I CTIN_0 — SCT input 0. Capture input 0 of timer 0, 1, 2, 3. I/O GPIO5[4] — General purpose digital input/output pin. - R — Function reserved. O T3_MAT1 — Match output 1 of timer 3. I USB0_PWR_FAULT — Port power fault signal indicating overcurrent condition; this signal monitors over-current on the USB bus (external circuitry required to detect over-current condition). Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |