Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4370 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 60Page - NXP Semiconductors LPC4370 Datasheet HTML 61Page - NXP Semiconductors LPC4370 Datasheet HTML 62Page - NXP Semiconductors LPC4370 Datasheet HTML 63Page - NXP Semiconductors LPC4370 Datasheet HTML 64Page - NXP Semiconductors LPC4370 Datasheet HTML 65Page - NXP Semiconductors LPC4370 Datasheet HTML 66Page - NXP Semiconductors LPC4370 Datasheet HTML 67Page - NXP Semiconductors LPC4370 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
64 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
Fig 5.
LPC4370 Memory mapping (overview)
reserved
peripheral bit band alias region
reserved
reserved
high-speed GPIO
12-bit ADC (ADCHS)
0x0000 0000
0 GB
1 GB
4 GB
0x2001 0000
0x2200 0000
0x2400 0000
0x2800 0000
0x1000 0000
0x3000 0000
0x4000 0000
0x4001 2000
0x4004 0000
0x4005 0000
0x4010 0000
0x4400 0000
0x6000 0000
AHB peripherals
APB peripherals #0
APB peripherals #1
reserved
reserved
reserved
RTC domain peripherals
0x4006 0000
0x4008 0000
0x4009 0000
0x400A 0000
0x400B 0000
0x400C 0000
0x400D 0000
0x400E 0000
0x400F 0000
0x400F 1000
0x400F 2000
0x400F 4000
0x400F 8000
clocking/reset peripherals
APB peripherals #2
APB peripherals #3
0x2000 8000
16 kB AHB SRAM
16 kB AHB SRAM
0x2000 C000
16 kB AHB SRAM
16 kB AHB SRAM
SGPIO
SPI
0x4010 1000
0x4010 2000
0x4200 0000
reserved
local SRAM/
external static memory banks
0x2000 0000
0x2000 4000
128 MB dynamic external memory DYCS0
256 MB dynamic external memory DYCS1
256 MB dynamic external memory DYCS2
256 MB dynamic external memory DYCS3
0x7000 0000
0x8000 0000
0x8800 0000
0xE000 0000
256 MB shadow area
LPC4370
0x1000 0000
0x1002 0000
0x1008 0000
0x1008 A000
0x1009 2000
0x1040 0000
0x1041 0000
0x1C00 0000
0x1D00 0000
reserved
reserved
32 MB AHB SRAM bit banding
reserved
reserved
reserved
0xE010 0000
0xFFFF FFFF
reserved
SPIFI data
ARM private bus
reserved
0x1001 8000
32 kB local SRAM
96 kB local SRAM
32 kB + 8 kB local SRAM
32 kB local SRAM
reserved
reserved
reserved
reserved
64 kB ROM
0x1400 0000
0x1800 0000
0x1800 4000
SPIFI data
0x1E00 0000
0x1F00 0000
0x2000 0000
16 MB static external memory CS3
16 MB static external memory CS2
16 MB static external memory CS1
16 MB static external memory CS0
002aag610
16 kB M0 SUBSYSTEM SRAM
0x1800 4800
2 kB M0 SUBSYSTEM SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com